Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 137 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 137 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 133Page - Dallas Semiconductor DS3172 Datasheet HTML 134Page - Dallas Semiconductor DS3172 Datasheet HTML 135Page - Dallas Semiconductor DS3172 Datasheet HTML 136Page - Dallas Semiconductor DS3172 Datasheet HTML 137Page - Dallas Semiconductor DS3172 Datasheet HTML 138Page - Dallas Semiconductor DS3172 Datasheet HTML 139Page - Dallas Semiconductor DS3172 Datasheet HTML 140Page - Dallas Semiconductor DS3172 Datasheet HTML 141Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
137 of 232
Bit 9: BERT Enable (BENA). This bit is used to enable the BERT logic. The BERT pattern will be the payload data
replacing the data from the TSERn pin.
0 = BERT logic disabled and powered down
1 = BERT logic enabled
Bit 7: Transmit Manual Error Insert (TMEI) This bit is used to insert errors in all error insertion logic configured to
use this bit when PORT.CR1.MEIM=0. The error(s) will be inserted when this bit is toggled low to high.
Bit 6: Transmit Manual Error Insert Mode (MEIM). These bits select the method transmit manual error insertion
for this port for error generators configured to use the external TMEI signal. The global updates are controlled by
the GL.CR1.MEIMS bit.
0 = Port software update via PORT.CR1.TMEI
1 = Global update source
Bit 4: Performance Monitor Update Mode (PMUM). These bits select the method of updating the performance
monitor registers. The global updates are controlled by the GL.CR1.GPM[1:0] bits.
0 = Port software update
1 = Global update
Bit 3: Performance Monitor Register Update (PMU) This bit is used to update all of the performance monitor
registers configured to use this bit when PORT.CR1.PMUM=0. The performance registers configured to use this
signal will be updated with the latest count value and the counters reset when this bit is toggled low to high. The bit
should remain high until the performance register update status bit (PORT.SR.PMS) goes high, then it should be
brought back low which clears the PMS status bit.
Bit 2: Power-Down (PD). When this bit is set, the LIU and digital logic for this port are powered down and
considered “out of service.” The logic is powered down by stopping the clocks. See the Reset and Power-Down
section in Section 10.3.
0 = Normal operation
1 = Power-down port circuits (default state)
Bit 1: Reset Data Path (RSTDP). When this bit is set, it will force all of the internal data path registers in this port
to their default state. This bit must be set high for a minimum of 100ns and then set back low. See the Reset and
Power-Down section in Section 10.3. Note: The Default State of this bit is 1 (after a general reset (port or global),
this bit will be set to one).
0 = Normal operation
1 = Force all data path registers to their default values
Bit 0: Reset (RST). When this bit is set, it will force all the internal data path and status and control registers
(except this RST bit) of this port to their default state. See the Reset and Power-Down section in Section 10.3. This
bit must be set high for a minimum of 100ns and then set back low. This software bit is logically ORed with the
inverted hardware signal
RST and the GL.CR1.RST bit.
0 = Normal operation
1 = Force all internal registers to their default values
Register Name:
PORT.CR2
Register Description:
Port Control Register 2
Register Address:
(0,2,4,6)42h
Bit #
15
14
13
12
11
10
9
8
Name
TLEN
TTS
RMON
TLBO
RESERVED
LM2
LM1
LM0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
RESERVED
RESERVED
FM2
FM1
FM0
RESERVED
RESERVED
RESERVED
Default
0
0
0
0
0
0
0
0
Bit 15: Transmit Line IO Signal Enable (TLEN). This bit is used to enable to transmit line interface output pins
TLCLKn, TPOSn/TDATn and TNEGn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com