Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 182 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 182 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 178Page - Dallas Semiconductor DS3172 Datasheet HTML 179Page - Dallas Semiconductor DS3172 Datasheet HTML 180Page - Dallas Semiconductor DS3172 Datasheet HTML 181Page - Dallas Semiconductor DS3172 Datasheet HTML 182Page - Dallas Semiconductor DS3172 Datasheet HTML 183Page - Dallas Semiconductor DS3172 Datasheet HTML 184Page - Dallas Semiconductor DS3172 Datasheet HTML 185Page - Dallas Semiconductor DS3172 Datasheet HTML 186Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
182 of 232
Bit 8: Framing Error Latched (FEL) – This bit is set when a framing error is detected. The type of framing error
event that causes this bit to be set is determined by T3.RCR.FECC[1:0]
Bit 3: C-bit Parity Error Count Latched (CPECL) – This bit is set when the CPEC bit transitions from zero to one.
This bit is set to zero in M23 DS3 mode.
Bit 2: Remote Error Indication Count Latched (FBECL) – This bit is set when the FBEC bit transitions from zero
to one. This bit is set to zero in M23 DS3 mode.
Bit 1: P-bit Parity Error Count Latched (PECL) – This bit is set when the PEC bit transitions from zero to one.
Bit 0: Framing Error Count Latched (FECL) – This bit is set when the FEC bit transitions from zero to one.
Register Name:
T3.RSRIE1
Register Description:
T3 Receive Status Register Interrupt Enable #1
Register Address:
(1,3,5,7)2Ch
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
Reserved
Reserved
Reserved
T3FMIE
AICIE
IDLEIE
RUA1IE
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
OOMFIE
SEFIE
COFAIE
LOFIE
RAIIE
AISIE
OOFIE
LOSIE
Default
0
0
0
0
0
0
0
0
Bit 11: T3 Framing Format Mismatch Interrupt Enable (T3FMIE) – This bit enables an interrupt if the T3FML bit
is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 10: Application Identification Channel Interrupt Enable (AICIE) – This bit enables an interrupt if the AICL bit
is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 9: DS3 Idle Signal Change Interrupt Enable (IDLEIE) – This bit enables an interrupt if the IDLEL bit is set and
the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 8: Receive Unframed All 1’s Interrupt Enable (RUA1IE) – This bit enables an interrupt if the RUA1L bit is set
and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 7: Out Of Multi-frame Interrupt Enable (OOMFIE) – This bit enables an interrupt if the OOMFL bit is set and
the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 6: Severely Errored Frame Interrupt Enable (SEFIE) – This bit enables an interrupt if the SEFL bit is set and
the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com