Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 178 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 178 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 174Page - Dallas Semiconductor DS3172 Datasheet HTML 175Page - Dallas Semiconductor DS3172 Datasheet HTML 176Page - Dallas Semiconductor DS3172 Datasheet HTML 177Page - Dallas Semiconductor DS3172 Datasheet HTML 178Page - Dallas Semiconductor DS3172 Datasheet HTML 179Page - Dallas Semiconductor DS3172 Datasheet HTML 180Page - Dallas Semiconductor DS3172 Datasheet HTML 181Page - Dallas Semiconductor DS3172 Datasheet HTML 182Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
178 of 232
Bit 1: Transmit Single Error Insert (TSEI) – This bit causes an error of the enabled type(s) to be inserted in the
transmit data stream if manual error insertion is disabled (MEIMS = 0). A 0 to 1 transition causes a single error to
be inserted. For a second error to be inserted, this bit must be set to 0, and back to 1. Note: If MEIMS is low, and
this bit transitions more than once between error insertion opportunities, only one error will be inserted.
Bit 0: Manual Error Insert Mode Select (MEIMS) – When 0, error insertion is initiated by the TSEI register bit.
When 1, error insertion is initiated by the transmit manual error insertion signal (TMEI). Note: If TMEI or TSEI is
one, changing the state of this bit may cause an error to be inserted.
12.9.2 Receive DS3 Register Map
The receive DS3 utilizes eleven registers. Two registers are shared for C-Bit and M23 DS3 modes. The M23 DS3
mode does not use the RFEBER or RCPECR count registers.
Table 12-24. Receive DS3 Framer Register Map
Address
Register
Register Description
(1,3,5,7)20h T3.RCR
T3 Receive Control Register
(1,3,5,7)22h
--
Reserved
(1,3,5,7)24h T3.RSR1
T3 Receive Status Register #1
(1,3,5,7)26h T3.RSR2
T3 Receive Status Register #2
(1,3,5,7)28h T3.RSRL1
T3 Receive Status Register Latched #1
(1,3,5,7)2Ah T3.RSRL2
T3 Receive Status Register Latched #2
(1,3,5,7)2Ch T3.RSRIE1
T3 Receive Status Register Interrupt Enable #1
(1,3,5,7)2Eh T3.RSRIE2
T3 Receive Status Register Interrupt Enable #2
(1,3,5,7)30h
--
Reserved
(1,3,5,7)32h
--
Reserved
(1,3,5,7)34h T3.RFECR
T3 Receive Framing Error Count Register
(1,3,5,7)36h T3.RPECR
T3 Receive P-bit Parity Error Count Register
(1,3,5,7)38h T3.RFBECR
T3 Receive Far-End Block Error Count Register
(1,3,5,7)3Ah T3.RCPECR
T3 Receive C-bit Parity Error Count Register
(1,3,5,7)3Ch
--
Unused
(1,3,5,7)3Eh
--
Unused
12.9.2.1 Register Bit Descriptions
Register Name:
T3.RCR
Register Description:
T3 Receive Control Register
Register Address:
(1,3,5,7)20h
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
COVHD
MAOD
MDAISI
AAISD
ECC
FECC1
FECC0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
RAILE
RAILD
RAIOD
RAIAD
ROMD
LIP1
LIP0
FRSYNC
Default
0
0
0
0
0
0
0
0
Bit 14: C-bit Overhead Masking Disable (COVHD) – When 0, the C-bit positions will be marked as overhead
(RDENn=0). When 1, the C-bit positions will be marked as data (RDENn=1). This bit is ignored in C-bit DS3 mode
or when the ROMD bit is set to one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com