Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 180 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 180 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 176Page - Dallas Semiconductor DS3172 Datasheet HTML 177Page - Dallas Semiconductor DS3172 Datasheet HTML 178Page - Dallas Semiconductor DS3172 Datasheet HTML 179Page - Dallas Semiconductor DS3172 Datasheet HTML 180Page - Dallas Semiconductor DS3172 Datasheet HTML 181Page - Dallas Semiconductor DS3172 Datasheet HTML 182Page - Dallas Semiconductor DS3172 Datasheet HTML 183Page - Dallas Semiconductor DS3172 Datasheet HTML 184Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
180 of 232
Register Name:
T3.RSR1
Register Description:
T3 Receive Status Register #1
Register Address:
(1,3,5,7)24h
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
Reserved
--
Reserved
T3FM
AIC
IDLE
RUA1
Bit #
7
6
5
4
3
2
1
0
Name
OOMF
SEF
--
LOF
RDI
AIS
OOF
LOS
Bit 11: T3 Framing Format Mismatch (T3FM) – This bit indicates the DS3 framer is programmed for a framing
format (C-bit or M23) that is different than the format indicated by the incoming DS3 signal.
Bit 10: Application Identification Channel (AIC) – This bit indicates the current state of the Application
Identification Channel (AIC) from the C11 bit. AIC = 1 is C-bit mode, AIC = 0 is M23 mode.
Bit 9: DS3 Idle Signal (IDLE) – When 0, the receive frame processor is not in a DS3 idle signal (Idle) condition.
When 1, the receive frame processor is in an Idle condition.
Bit 8: Receive Unframed All 1’s (RUA1) – When 0, the receive frame processor is not in a receive unframed all
1’s (RUA1) condition. When 1, the receive frame processor is in an RUA1 condition.
Bit 7: Out Of Multi-frame (OOMF) – When 0, the receive frame processor is not in an out of multi-frame (OOMF)
condition. When 1, the receive frame processor is in an OOMF condition.
Bit 6: Severely Errored Frame (SEF) – When 0, the receive frame processor is not in a severely errored frame
(SEF) condition. When 1, the receive frame processor is in an SEF condition.
Bit 4: Loss Of Frame (LOF) – When 0, the receive framer is not in a loss of frame (LOF) condition. When 1, the
receive frame processor is in an LOF condition.
Bit 3: Remote Defect Indication (RDI) – This bit indicates the current state of the remote defect indication (RDI)
Bit 2: Alarm Indication Signal (AIS) – When 0, the receive frame processor is not in an alarm indication signal
(AIS) condition. When 1, the receive frame processor is in an AIS condition.
Bit 1: Out Of Frame (OOF) – When 0, the receive framer is not in an out of frame (OOF) condition. When 1, the
receive frame processor is in an OOF condition.
Bit 0: Loss Of Signal (LOS) – When 0, the receive framer is not in a loss of signal (LOS) condition. When 1, the
receive framer is in an LOS condition.
Register Name:
T3.RSR2
Register Description:
T3 Receive Status Register #2
Register Address:
(1,3,5,7)26h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
CPEC
FBEC
PEC
FEC
Bit 3: C-bit Parity Error Count (CPEC) – When 0, the C-bit parity error count is zero. When 1, the C-bit parity
error count is one or more. This bit is set to zero in M23 DS3 mode.
Bit 2: Remote Error Indication Count (FBEC) – When 0, the remote error indication count is zero. When 1, the
remote error indication count is one or more. This bit is set to zero in M23 DS3 mode.
Bit 1: P-bit Parity Error Count (PEC) – When 0, the P-bit parity error count is zero. When 1, the P-bit parity error
count is one or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com