Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 176 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 176 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 172Page - Dallas Semiconductor DS3172 Datasheet HTML 173Page - Dallas Semiconductor DS3172 Datasheet HTML 174Page - Dallas Semiconductor DS3172 Datasheet HTML 175Page - Dallas Semiconductor DS3172 Datasheet HTML 176Page - Dallas Semiconductor DS3172 Datasheet HTML 177Page - Dallas Semiconductor DS3172 Datasheet HTML 178Page - Dallas Semiconductor DS3172 Datasheet HTML 179Page - Dallas Semiconductor DS3172 Datasheet HTML 180Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
176 of 232
12.9 DS3/E3 Framer
12.9.1 Transmit DS3
The transmit DS3 utilizes two registers.
Table 12-23. Transmit DS3 Framer Register Map
Address
Register
Register Description
(1,3,5,7)18h T3.TCR
T3 Transmit Control Register
(1,3,5,7)1Ah T3.TEIR
T3 Transmit Error Insertion Register
(1,3,5,7)1Ch
--
Reserved
(1,3,5,7)1Eh
--
Reserved
12.9.1.1 Register Bit Descriptions
Register Name:
T3.TCR
Register Description:
T3 Transmit Control Register
Register Address:
(1,3,5,7)18h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
PBGE
TIDLE
CBGD
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
TFEBE
AFEBED
TRDI
ARDID
TFGC
TAIS
Default
0
0
0
0
0
0
0
0
Bit 12: P-bit Generation Enable (PBGE) – When 0, Transmit Frame Processor P-bit generation is disabled. If
transmit frame generation is also disabled, the P-bit overhead periods in the incoming DS3 signal will be passed
through to overhead insertion. When 1, Transmit Frame Processor P-bit generation is enabled. The P-bit overhead
periods in the incoming DS3 signal will be overwritten even if transmit frame generation is disabled
Bit 11: Transmit DS3 Idle Signal (TIDLE) –
0 = Transmit DS3 Idle signal is not inserted
1 = Transmit DS3 Idle signal is inserted into the DS3 frame.
Bit 10: C-bit Generation Disable (CBGD) (M23 mode only) – When 0, Transmit Frame Processor C-bit
generation is enabled. The C-bit overhead periods in the incoming M23 DS3 signal will be overwritten with zeros.
When 1, Transmit Frame Processor C-bit generation is disabled. The C-bit overhead periods in the incoming M23
DS3 signal will be treated as payload, and passed through to overhead insertion. This bit is ignored in C-bit DS3
mode.
Bit 5: Transmit FEBE Error (TFEBE) – When automatic far-end block error generation is defeated (AFEBED = 1),
the inverse of this bit is inserted into the bits C41, C42, and C43. Note: a far-end block error value of zero (TFEBE=1)
indicates a far-end block error. This bit is ignored in M23 DS3 mode.
Bit 4: Automatic FEBE Defeat (AFEBED) – When 0, a far-end block error is automatically generated based upon
the receive C-bit parity errors or framing errors. When 1, a far-end block error is inserted from the register bit
TFEBE. This bit is ignored in M23 DS3 mode.
Bit 3: Transmit RDI Alarm (TRDI) – When automatic RDI generation is defeated (ARDID = 1), the inverse of this
bit is inserted into the X-bits (X1 and X2). Note: an RDI value of zero (TRDI=1) indicates an alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com