Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 175 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 175 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 171Page - Dallas Semiconductor DS3172 Datasheet HTML 172Page - Dallas Semiconductor DS3172 Datasheet HTML 173Page - Dallas Semiconductor DS3172 Datasheet HTML 174Page - Dallas Semiconductor DS3172 Datasheet HTML 175Page - Dallas Semiconductor DS3172 Datasheet HTML 176Page - Dallas Semiconductor DS3172 Datasheet HTML 177Page - Dallas Semiconductor DS3172 Datasheet HTML 178Page - Dallas Semiconductor DS3172 Datasheet HTML 179Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
175 of 232
Register Name:
TT.EIR
Register Description:
Trail Trace Expected Identifier Register
Register Address:
(0,2,4,6)FEh
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
ETD7
ETD6
ETD5
ETD4
ETD3
ETD2
ETD1
ETD0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Expected Trail Trace Identifier Data (ETD[7:0]) – These eight bits are the expected trail trace
identifier data. The expected trail trace identifier address will be incremented whenever these bits are read or
written (when byte Fh is read or written, the address will return to 0h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com