Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 172 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 172 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 168Page - Dallas Semiconductor DS3172 Datasheet HTML 169Page - Dallas Semiconductor DS3172 Datasheet HTML 170Page - Dallas Semiconductor DS3172 Datasheet HTML 171Page - Dallas Semiconductor DS3172 Datasheet HTML 172Page - Dallas Semiconductor DS3172 Datasheet HTML 173Page - Dallas Semiconductor DS3172 Datasheet HTML 174Page - Dallas Semiconductor DS3172 Datasheet HTML 175Page - Dallas Semiconductor DS3172 Datasheet HTML 176Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
172 of 232
12.8.2.1 Register Bit Descriptions
Register Name:
TT.RCR
Register Description:
Trail Trace Receive Control Register
Register Address:
(0,2,4,6)F0h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
Reserved
Reserved
RMAD
RETCE
RDIE
RBRE
Default
0
0
0
0
0
0
0
0
Bit 3: Receive Multi-frame Alignment Disable (RMAD) – When 0, multi-frame alignment is performed. When 1,
multi-frame alignment is disabled and the trail trace bytes are stored starting with a random byte.
Bit 2: Receive Expected Trail Trace Comparison Enable (RETCE) – When 0, expected trail trace comparison is
disabled. When 1, expected trail trace comparison is performed. Note: When the RMAD bit is one, expected trail
trace comparison is disabled regardless of the setting of this bit.
Bit 1: Receive Data Inversion Enable (RDIE) – When 0, the incoming data is directly passed on for trail trace
processing. When 1, the incoming data is inverted before being passed on for trail trace processing.
Bit 0: Receive Bit Reordering Enable (RBRE) – When 0, bit reordering is disabled (The first bit received is the
MSB TT.RIR.RTD[7] of the byte). When 1, bit reordering is enabled (The first bit received is the LSB
TT.RIR.RTD[0] of the byte).
Register Name:
TT.RTIAR
Register Description:
Trail Trace Receive Identifier Address Register
Register Address:
(0,2,4,6)F2h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
Reserved
Reserved
ETIA3
ETIA2
ETIA1
ETIA0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
Reserved
Reserved
RTIA3
RTIA2
RTIA1
RTIA0
Default
0
0
0
0
0
0
0
0
Bits 11 to 8: Expected Trail Trace Identifier Address (ETIA[3:0]) – These four bits indicate the expected trail
trace identifier byte to be read/written by the next memory access. Address 0h indicates the first byte of the
expected trail trace identifier. Note: The value of these bits increments with each expected trail trace identifier
memory access (when these bits are Fh, a memory access will return them to 0h).
Bits 3 to 0: Receive Trail Trace Identifier Address (RTIA[3:0]) – These four bits indicate the receive trail trace
identifier byte to be read by the next memory access. Address 0h indicates the first byte of the receive trail trace
identifier. Note: The value of these bits increments with each received trail trace identifier memory access (when
these bits are Fh, a memory access will return them to 0h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com