Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 173 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 173 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 169Page - Dallas Semiconductor DS3172 Datasheet HTML 170Page - Dallas Semiconductor DS3172 Datasheet HTML 171Page - Dallas Semiconductor DS3172 Datasheet HTML 172Page - Dallas Semiconductor DS3172 Datasheet HTML 173Page - Dallas Semiconductor DS3172 Datasheet HTML 174Page - Dallas Semiconductor DS3172 Datasheet HTML 175Page - Dallas Semiconductor DS3172 Datasheet HTML 176Page - Dallas Semiconductor DS3172 Datasheet HTML 177Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
173 of 232
Register Name:
TT.RSR
Register Description:
Trail Trace Receive Status Register
Register Address:
(0,2,4,6)F4h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
RTIM
RTIU
RIDL
Bit 2: Receive Trail Trace Identifier Mismatch (RTIM)
0 = Received and expected trail trace identifiers match.
1 = Received and expected trail trace identifiers do not match; trail trace identifier
mismatch (TIM) declared.
Bit 1: Receive Trail Trace Identifier Unstable (RTIU)
0 = Received trail trace identifier is not unstable
1 = Received trail trace identifier is in an unstable condition (TIU); TIU is declared when eight
consecutive trail trace identifiers are received that do not match either the receive trail trace
identifier or the previously stored current trail trace identifier.
Bit 0: Receive Trail Trace Identifier Idle (RIDL)
0 = Received trail trace identifier is not in idle condition.
1 = Received trail trace identifier is in idle condition. Idle condition is declared upon the reception of
an all zeros trail trace identifier five consecutive times.
Register Name:
TT.RSRL
Register Description:
Trail Trace Receive Status Register Latched
Register Address:
(0,2,4,6)F6h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
RTICL
RTIML
RTIUL
RIDLL
Bit 3: Receive Trail Trace Identifier Change Latched (RTICL) – This bit is set when the receive trail trace
identifier is updated.
Bit 2: Receive Trail Trace Identifier Mismatch Latched (RTIML) – This bit is set when the TT.RSR.RTIM bit
transitions from 0 to 1.
Bit 1: Receive Trail Trace Identifier Unstable Latched (RTIUL) – This bit is set when the TT.RSR.RTIU bit
transitions from 0 to 1.
Bit 0: Receive Trail Trace Identifier Idle Latched (RIDLL) – This bit is set when the TT.RSR.RIDL bit transitions
from 0 to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com