Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 174 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 174 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 170Page - Dallas Semiconductor DS3172 Datasheet HTML 171Page - Dallas Semiconductor DS3172 Datasheet HTML 172Page - Dallas Semiconductor DS3172 Datasheet HTML 173Page - Dallas Semiconductor DS3172 Datasheet HTML 174Page - Dallas Semiconductor DS3172 Datasheet HTML 175Page - Dallas Semiconductor DS3172 Datasheet HTML 176Page - Dallas Semiconductor DS3172 Datasheet HTML 177Page - Dallas Semiconductor DS3172 Datasheet HTML 178Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
174 of 232
Register Name:
TT.RSRIE
Register Description:
Trail Trace Receive Status Register Interrupt Enable
Register Address:
(0,2,4,6)F8h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
RTICIE
RTIMIE
RTIUIE
RIDLIE
Default
0
0
0
0
0
0
0
0
Bit 3: Receive Trail Trace Identifier Change Interrupt Enable (RTICIE) – This bit enables an interrupt if the
TT.RSRL.RTICL bit is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 2: Receive Trail Trace Identifier Mismatch Interrupt Enable (RTIMIE) – This bit enables an interrupt if the
TT.RSRL.RTIML bit is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 1: Receive Trail Trace Identifier Unstable Interrupt Enable (RTIUIE) – This bit enables an interrupt if the
TT.RSRL.RTIUL bit is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 0: Receive Trail Trace Identifier Idle Interrupt Enable (RIDLIE) – This bit enables an interrupt if the
TT.RSRL.RIDLL bit is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Register Name:
TT.RIR
Register Description:
Trail Trace Receive Identifier Register
Register Address:
(0,2,4,6)FCh
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
RTD7
RTD6
RTD5
RTD4
RTD3
RTD2
RTD1
RTD0
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Receive Trail Trace Identifier Data (RTD[7:0]) – These eight bits are the receive trail trace identifier
data. The receive trail trace identifier address will be incremented whenever these bits are read (when byte Fh is
read, the address will return to 0h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com