Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 177 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 177 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 173Page - Dallas Semiconductor DS3172 Datasheet HTML 174Page - Dallas Semiconductor DS3172 Datasheet HTML 175Page - Dallas Semiconductor DS3172 Datasheet HTML 176Page - Dallas Semiconductor DS3172 Datasheet HTML 177Page - Dallas Semiconductor DS3172 Datasheet HTML 178Page - Dallas Semiconductor DS3172 Datasheet HTML 179Page - Dallas Semiconductor DS3172 Datasheet HTML 180Page - Dallas Semiconductor DS3172 Datasheet HTML 181Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
177 of 232
Bit 2: Automatic RDI Defeat (ARDID) – When 0, the RDI is automatically generated based received DS3 alarms.
When 1, the RDI is inserted from the register bit TRDI.
Bit 1: Transmit Frame Generation Control (TFGC) – When this bit is zero, the Transmit Frame Processor frame
generation is enabled. The DS3 overhead positions in the incoming DS3 payload will be overwritten with the
internally generated DS3 overhead. When this bit is one, the Transmit Frame Processor frame generation is
disabled. The DS3 overhead positions in the incoming DS3 payload will be passed through to error insertion. Note:
Frame generation will still overwrite the P-bits if PBGE = 1. Also, the DS3 overhead periods can still be overwritten
by overhead insertion.
Bit 0: Transmit Alarm Indication Signal (TAIS) –
0 = Transmit Alarm Indication Signal is not inserted
1 = Transmit Alarm Indication Signal is inserted into data stream payload
Register Name:
T3.TEIR
Register Description:
T3 Transmit Error Insertion Register
Register Address:
(1,3,5,7)1Ah
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
CCPEIE
CPEI
CFBEIE
FBEI
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
Reserved
CPEIE
PEI
FEIC1
FEIC0
FEI
TSEI
MEIMS
Default
0
0
0
0
0
0
0
0
Bit 11: Continuous C-bit Parity Error Insertion Enable (CCPEIE) – When 0, single C-bit parity error insertion is
enabled. When 1, continuous C-bit parity error insertion is enabled, and C-bit parity errors will be transmitted
continuously if CPEI is high.
Bit 10: C-bit Parity Error Insertion Enable (CPEI) – When 0, C-bit parity error insertion is disabled. When 1, C-bit
parity error insertion is enabled.
Bit 9: Continuous Far-End Block Error Insertion Enable (CFBEIE) – When 0, single far-end block error
insertion is enabled. When 1, continuous far-end block error insertion is enabled, and far-end block errors will be
transmitted continuously if FBEI is high.
Bit 8: Far-End Block Error Insertion Enable (FBEI) – When 0, far-end block error insertion is disabled. When 1,
far-end block error insertion is enabled.
Bit 6: Continuous P-bit Parity Error Insertion Enable (CPEIE) – When 0, single P-bit parity error insertion is
enabled. When 1, continuous P-bit parity error insertion is enabled, and P-bit parity errors will be transmitted
continuously if PEI is high.
Bit 5: P-bit Parity Error Insertion Enable (PEI) – When 0, P-bit parity error insertion is disabled. When 1, P-bit
parity error insertion is enabled.
Bits 4 to 3: Framing Error Insertion Control (FEIC[1:0]) – These two bits control the framing error event to be
inserted.
00 = F-bit error.
01 = M-bit error.
10 = SEF error.
11 = OOMF error.
Bit 2: Framing Error Insertion Enable (FEI) – When 0, framing error insertion is disabled. When 1, framing error
insertion is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com