Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 170 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 170 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 166Page - Dallas Semiconductor DS3172 Datasheet HTML 167Page - Dallas Semiconductor DS3172 Datasheet HTML 168Page - Dallas Semiconductor DS3172 Datasheet HTML 169Page - Dallas Semiconductor DS3172 Datasheet HTML 170Page - Dallas Semiconductor DS3172 Datasheet HTML 171Page - Dallas Semiconductor DS3172 Datasheet HTML 172Page - Dallas Semiconductor DS3172 Datasheet HTML 173Page - Dallas Semiconductor DS3172 Datasheet HTML 174Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
170 of 232
12.8 Trail Trace
12.8.1 Trail Trace Transmit Side
The transmit side utilizes three registers. Register Map
Table 12-21. Transmit Side Trail Trace Register Map
Address
Register
Register Description
(0,2,4,6)E8h TT.TCR
Trail Trace Transmit Control Register
(0,2,4,6)EAh TT.TTIAR
Trail Trace Transmit Identifier Address Register
(0,2,4,6)ECh TT.TIR
Trail Trace Transmit Identifier Register
(0,2,4,6)EEh
--
Unused
12.8.1.1 Register Bit Descriptions
Register Name:
TT.TCR
Register Description:
Trail Trace Transmit Control Register
Register Address:
(0,2,4,6)E8h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
Reserved
TMAD
TIDLE
TDIE
TBRE
Default
0
0
0
0
0
0
0
0
Bit 3: Transmit Multi-frame Alignment Insertion Disable (TMAD) – When 0, multi-frame alignment signal (MAS)
insertion is enabled, and the first bit transmitted of each trail trace byte is overwritten with an MAS bit. When 1,
MAS insertion is disabled, and the trail trace bytes from the Transmit Data Storage are output without being
modified.
Bit 2: Transmit Trail Trace Identifier Idle (TIDLE) – When 0, the programmed transmit trail trace identifier will be
transmitted. When 1, all zeros will be transmitted.
Bit 1: Transmit Data Inversion Enable (TDIE) – When 0, the outgoing data from trail trace processing is output
directly. When 1, the outgoing data from trail trace processing is inverted before being output.
Bit 0: Transmit Bit Reordering Enable (TBRE) – When 0, bit reordering is disabled (The first bit transmitted is the
MSB TT.TIR.TTD[7] of the byte). When 1, bit reordering is enabled (The first bit transmitted is the LSB
TT.TIR.TTD[0] of the byte).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com