Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 167 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 167 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 163Page - Dallas Semiconductor DS3172 Datasheet HTML 164Page - Dallas Semiconductor DS3172 Datasheet HTML 165Page - Dallas Semiconductor DS3172 Datasheet HTML 166Page - Dallas Semiconductor DS3172 Datasheet HTML 167Page - Dallas Semiconductor DS3172 Datasheet HTML 168Page - Dallas Semiconductor DS3172 Datasheet HTML 169Page - Dallas Semiconductor DS3172 Datasheet HTML 170Page - Dallas Semiconductor DS3172 Datasheet HTML 171Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
167 of 232
Register Name:
FEAC.TSRIE
Register Description:
FEAC Transmit Status Register Interrupt Enable
Register Address:
(0,2,4,6)C8h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
--
--
TFIIE
Default
0
0
0
0
0
0
0
0
Bit 0: Transmit FEAC Idle Interrupt Enable (TFIIE) – This bit enables an interrupt if the TFIL bit is set and the bit
in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
12.7.2 FEAC Receive Side Register Map
The receive side utilizes five registers.
Table 12-20. FEAC Receive Side Register Map
Address
Register
Register Description
(0,2,4,6)D0h FEAC.RCR
FEAC Receive Control Register
(0,2,4,6)D2h
--
Unused
(0,2,4,6)D4h FEAC.RSR
FEAC Receive Status Register
(0,2,4,6)D6h FEAC.RSRL FEAC Receive Status Register Latched
(0,2,4,6)D8h FEAC.RSRIE FEAC Receive Status Register Interrupt Enable
(0,2,4,6)DAh
--
Unused
(0,2,4,6)DCh FEAC.RFDR FEAC Receive FIFO Data Register
(0,2,4,6)DEh
--
Unused
12.7.2.1 Register Bit Descriptions
Register Name:
FEAC.RCR
Register Description:
FEAC Receive Control Register
Register Address:
(0,2,4,6)D0h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
1
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
--
--
RFR
Default
0
0
0
0
0
0
0
0
Bit 0: Receive FEAC Reset (RFR) –When 0, the Receive FEAC Processor and Receive FEAC FIFO will resume
normal operations. When 1, the Receive FEAC controller is reset. The FEAC FIFO is emptied, any transfer in
progress is halted, and all incoming data is discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com