Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 166 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 166 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 162Page - Dallas Semiconductor DS3172 Datasheet HTML 163Page - Dallas Semiconductor DS3172 Datasheet HTML 164Page - Dallas Semiconductor DS3172 Datasheet HTML 165Page - Dallas Semiconductor DS3172 Datasheet HTML 166Page - Dallas Semiconductor DS3172 Datasheet HTML 167Page - Dallas Semiconductor DS3172 Datasheet HTML 168Page - Dallas Semiconductor DS3172 Datasheet HTML 169Page - Dallas Semiconductor DS3172 Datasheet HTML 170Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
166 of 232
Register Name:
FEAC.TFDR
Register Description:
Transmit FEAC Data Register
Register Address:
(0,2,4,6)C2h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
TFCB5
TFCB4
TFCB3
TFCB2
TFCB1
TFCB0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
TFCA5
TFCA4
TFCA3
TFCA2
TFCA1
TFCA0
Default
0
0
0
0
0
0
0
0
Bits 13 to 8: Transmit FEAC Code B (TFCB[5:0]) – These six bits are the transmit FEAC code B data to be
stored inserted into codeword B. TFCB[5] is the LSB (last bit transmitted) of the FEAC code (C[6]), and TFCB[0] is
the MSB (first bit transmitted) of the FEAC code (C[1]).
Bits 5 to 0: Transmit FEAC Code A (TFCA[5:0]) – These six bits are the transmit FEAC code A data to be stored
inserted into codeword A. TFCA[5] is the LSB (last bit transmitted) of the FEAC code (C[6]), and TFCA[0] is the
MSB (first bit transmitted) of the FEAC code (C[1]).
Register Name:
FEAC.TSR
Register Description:
FEAC Transmit Status Register
Register Address:
(0,2,4,6)C4h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
--
--
TFI
Bit 0: Transmit FEAC Idle (TFI) – When 0, the Transmit FEAC processor is sending a FEAC codeword. When 1,
the Transmit FEAC processor is sending an Idle signal (all ones).
Register Name:
FEAC.TSRL
Register Description:
FEAC Transmit Status Register Latched
Register Address:
(0,2,4,6)C6h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
--
--
TFIL
Bit 0: Transmit FEAC Idle Latched (TFIL) – This bit is set when the TFI bit transitions from 0 to 1. Note:
Immediately after a reset, this bit will be set to one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com