Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 162 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 162 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 158Page - Dallas Semiconductor DS3172 Datasheet HTML 159Page - Dallas Semiconductor DS3172 Datasheet HTML 160Page - Dallas Semiconductor DS3172 Datasheet HTML 161Page - Dallas Semiconductor DS3172 Datasheet HTML 162Page - Dallas Semiconductor DS3172 Datasheet HTML 163Page - Dallas Semiconductor DS3172 Datasheet HTML 164Page - Dallas Semiconductor DS3172 Datasheet HTML 165Page - Dallas Semiconductor DS3172 Datasheet HTML 166Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
162 of 232
Bit 3: Receive Bit Reordering Enable (RBRE) – When 0, bit reordering is disabled (The first bit received is in the
LSB of the Receive FIFO Data byte RFD[0]). When 1, bit reordering is enabled (The first bit received is in the MSB
of the Receive FIFO Data byte RFD[7]).
Bit 2: Receive Data Inversion Enable (RDIE) – When 0, the incoming data is directly passed on for packet
processing. When 1, the incoming data is inverted before being passed on for packet processing.
Bit 1: Receive FCS Processing Disable (RFPD) – When 0, FCS processing is performed (the packets have an
FCS appended). When 1, FCS processing is disabled (the packets do not have an FCS appended).
Bit 0: Receive FIFO Reset (RFRST) – When 0, the Receive FIFO will resume normal operations, however, data is
discarded until a start of packet is received after RAM power-up is completed. When 1, the Receive FIFO is
emptied, any transfer in progress is halted, the FIFO RAM is powered down, the RHDA bit is forced low, and all
incoming data is discarded.
Register Name:
HDLC.RSR
Register Description:
HDLC Receive Status Register
Register Address:
(0,2,4,6)B4h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
RFF
RFE
RHDA
Bit 2: Receive FIFO Full (RFF) – When 0, the Receive FIFO contains 255 or less bytes of data. When 1, the
Receive FIFO is full.
Bit 1: Receive FIFO Empty (RFE) – When 0, the Receive FIFO contains at least one byte of data. When 1, the
Receive FIFO is empty.
Bit 0: Receive HDLC Data Available (RHDA) – When 0, the Receive FIFO contains less data than the Receive
HDLC data available level (RDAL[4:0]). When 1, the Receive FIFO contains the same or more data than the
Receive HDLC data available level.
Register Name:
HDLC.RSRL
Register Description:
HDLC Receive Status Register Latched
Register Address:
(0,2,4,6)B6h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
RFOL
--
--
RPEL
RPSL
RFFL
--
RHDAL
Bit 7: Receive FIFO Overflow Latched (RFOL) – This bit is set when a Receive FIFO overflow condition occurs.
An overflow condition results in a loss of data.
Bit 4: Receive Packet End Latched (RPEL) – This bit is set when an end of packet is stored in the Receive FIFO.
Bit 3: Receive Packet Start Latched (RPSL) – This bit is set when a start of packet is stored in the Receive FIFO.
Bit 2: Receive FIFO Full Latched (RFFL) – This bit is set when the RFF bit transitions from 0 to 1.
Bit 0: Receive HDLC Data Available Latched (RHDAL) – This bit is set when the RHDA bit transitions from 0 to
1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com