Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 161 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 161 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 157Page - Dallas Semiconductor DS3172 Datasheet HTML 158Page - Dallas Semiconductor DS3172 Datasheet HTML 159Page - Dallas Semiconductor DS3172 Datasheet HTML 160Page - Dallas Semiconductor DS3172 Datasheet HTML 161Page - Dallas Semiconductor DS3172 Datasheet HTML 162Page - Dallas Semiconductor DS3172 Datasheet HTML 163Page - Dallas Semiconductor DS3172 Datasheet HTML 164Page - Dallas Semiconductor DS3172 Datasheet HTML 165Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
161 of 232
Bit 3: Transmit Packet End Interrupt Enable (TPEIE) – This bit enables an interrupt if the TPEL bit is set and the
bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 2: Transmit FIFO Full Interrupt Enable (TFFIE) – This bit enables an interrupt if the TFFL bit is set and the bit
in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 1: Transmit FIFO Empty Interrupt Enable (TFEIE) – This bit enables an interrupt if the TFEL bit is set and the
bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 0: Transmit HDLC Data Available Interrupt Enable (THDAIE) – This bit enables an interrupt if the THDAL bit
is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
12.6.2 HDLC Receive Side Register Map
The receive side utilizes five registers.
Table 12-18. Receive Side HDLC Register Map
Address
Register
Register Description
(0,2,4,6)B0h HDLC.RCR
HDLC Receive Control Register
(0,2,4,6)B2h
--
Unused
(0,2,4,6)B4h HDLC.RSR
HDLC Receive Status Register
(0,2,4,6)B6h HDLC.RSRL
HDLC Receive Status Register Latched
(0,2,4,6)B8h HDLC.RSRIE HDLC Receive Status Register Interrupt Enable
(0,2,4,6)BAh
--
Unused
(0,2,4,6)BCh HDLC.RFDR
HDLC Receive FIFO Data Register
(0,2,4,6)BEh
--
Unused
12.6.2.1 Register Bit Descriptions
Register Name:
HDLC.RCR
Register Description:
HDLC Receive Control Register
Register Address:
(0,2,4,6)B0h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
RDAL4
RDAL3
RDAL2
RDAL1
RDAL0
Default
0
0
0
0
1
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
RBRE
RDIE
RFPD
RFRST
Default
0
0
0
0
0
0
0
0
Bits 13 to 8: Receive HDLC Data Available Level (RDAL[4:0]) – These five bits indicate the minimum number of
eight byte groups that must be stored (contain data) in the Receive FIFO before HDLC data is considered to be
available (RHDA=1). For example, a value of 21 (15h) results in HDLC data being available when the Receive
FIFO contains 168 (A8h) bytes or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com