Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 159 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 159 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 155Page - Dallas Semiconductor DS3172 Datasheet HTML 156Page - Dallas Semiconductor DS3172 Datasheet HTML 157Page - Dallas Semiconductor DS3172 Datasheet HTML 158Page - Dallas Semiconductor DS3172 Datasheet HTML 159Page - Dallas Semiconductor DS3172 Datasheet HTML 160Page - Dallas Semiconductor DS3172 Datasheet HTML 161Page - Dallas Semiconductor DS3172 Datasheet HTML 162Page - Dallas Semiconductor DS3172 Datasheet HTML 163Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
159 of 232
Bit 2: Transmit Data Inversion Enable (TDIE) – When 0, the outgoing data is directly output from packet
processing. When 1, the outgoing data is inverted before being output from packet processing.
Bit 1: Transmit FCS Processing Disable (TFPD) – This bit controls whether or not an FCS is calculated and
appended to the end of each packet. When 0, the calculated FCS bytes are appended to the end of the packet.
When 1, the packet is transmitted without an FCS.
Bit 0: Transmit FIFO Reset (TFRST) – When 0, the Transmit FIFO will resume normal operations, however, data
is discarded until a start of packet is received after RAM power-up is completed. When 1, the Transmit FIFO is
emptied, any transfer in progress is halted, the FIFO RAM is powered down, and all incoming data is discarded (all
TFDR register writes are ignored).
Register Name:
HDLC.TFDR
Register Description:
HDLC Transmit FIFO Data Register
Register Address:
(0,2,4,6)A2h
Bit #
15
14
13
12
11
10
9
8
Name
TFD7
TFD6
TFD5
TFD4
TFD3
TFD2
TFD1
TFD0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
--
--
TDPE
Default
0
0
0
0
0
0
0
0
Note: The FIFO data and status are loaded into the Transmit FIFO when the Transmit FIFO Data (TFD[7:0]) is
written (upper byte write). When read, the value of these bits is always zero.
Bits 15 to 8: Transmit FIFO Data (TFD[7:0]) – These eight bits are the packet data to be stored in the Transmit
FIFO. TFD[7] is the MSB, and TFD[0] is the LSB. If bit reordering is disabled, TFD[0] is the first bit transmitted, and
TFD[7] is the last bit transmitted. If bit reordering is enabled, TFD[7] is the first bit transmitted, and TFD[0] is the
last bit transmitted.
Bit 0: Transmit FIFO Data Packet End (TDPE) – When 0, the Transmit FIFO data is not a packet end. When 1,
the Transmit FIFO data is a packet end.
Register Name:
HDLC.TSR
Register Description:
HDLC Transmit Status Register
Register Address:
(0,2,4,6)A4h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
TFFL5
TFFL4
TFFL3
TFFL2
TFFL1
TFFL0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
TFF
TFE
THDA
Bits 13 to 8: Transmit FIFO Fill Level (TFFL[5:0]) – These six bits indicate the number of eight byte groups
available for storage (do not contain data) in the Transmit FIFO. E.g., a value of 21 (15h) indicates the FIFO has
168 (A8h) to 175 (AFh) bytes are available for storage.
Bit 2: Transmit FIFO Full (TFF) – When 0, the Transmit FIFO contains 255 or less bytes of data. When 1, the
Transmit FIFO is full.
Bit 1: Transmit FIFO Empty (TFE) – When 0, the Transmit FIFO contains at least one byte of data. When 1, the
Transmit FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com