Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 165 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 165 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 161Page - Dallas Semiconductor DS3172 Datasheet HTML 162Page - Dallas Semiconductor DS3172 Datasheet HTML 163Page - Dallas Semiconductor DS3172 Datasheet HTML 164Page - Dallas Semiconductor DS3172 Datasheet HTML 165Page - Dallas Semiconductor DS3172 Datasheet HTML 166Page - Dallas Semiconductor DS3172 Datasheet HTML 167Page - Dallas Semiconductor DS3172 Datasheet HTML 168Page - Dallas Semiconductor DS3172 Datasheet HTML 169Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
165 of 232
12.7 FEAC Controller
12.7.1 FEAC Transmit Side Register Map
The transmit side utilizes five registers.
Table 12-19. FEAC Transmit Side Register Map
Address
Register
Register Description
(0,2,4,6)C0h FEAC.TCR
FEAC Transmit Control Register
(0,2,4,6)C2h FEAC.TFDR
FEAC Transmit Data Register
(0,2,4,6)C4h FEAC.TSR
FEAC Transmit Status Register
(0,2,4,6)C6h FEAC.TSRL
FEAC Transmit Status Register Latched
(0,2,4,6)C8h FEAC.TSRIE
FEAC Transmit Status Register Interrupt Enable
(0,2,4,6)CAh
--
Unused
(0,2,4,6)CCh
--
Unused
(0,2,4,6)CEh
--
Unused
12.7.1.1 Register Bit Descriptions
Register Name:
FEAC.TCR
Register Description:
FEAC Transmit Control Register
Register Address:
(0,2,4,6)C0h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
1
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
--
TFCL
TFS1
TFS0
Default
0
0
0
0
0
0
0
0
Bit 2: Transmit FEAC Codeword Load (TFCL) – A 0 to 1 transition on this bit loads the transmit FEAC processor
mode select bits (TFS[1:0]), and transmit FEAC codes (TFCA[5:0] and TFCB[5:0]). Note: Whenever a FEAC
codeword is loaded, any current FEAC codeword transmission in progress will be immediately halted, and the new
FEAC codeword transmission will be started based on the new values for TFS[1:0], TFCA[5:0], and TFCB[5:0]..
Bits 1 to 0: Transmit FEAC Codeword Select (TFS[1:0]) – These two bits control the transmit FEAC processor
mode. The TFCL bit loads the mode set by this bit.
00 = Idle (all ones)
01 = single code (send code TFCA ten times and send all ones)
10 = dual code (send code TFCA ten times, send code TFCB ten times, and send all ones)
11 = continuous code (send code TFCA continuously)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com