Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 185 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 185 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 181Page - Dallas Semiconductor DS3172 Datasheet HTML 182Page - Dallas Semiconductor DS3172 Datasheet HTML 183Page - Dallas Semiconductor DS3172 Datasheet HTML 184Page - Dallas Semiconductor DS3172 Datasheet HTML 185Page - Dallas Semiconductor DS3172 Datasheet HTML 186Page - Dallas Semiconductor DS3172 Datasheet HTML 187Page - Dallas Semiconductor DS3172 Datasheet HTML 188Page - Dallas Semiconductor DS3172 Datasheet HTML 189Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
185 of 232
Register Name:
T3.RPECR
Register Description:
T3 Receive P-bit Parity Error Count Register
Register Address:
(1,3,5,7)36h
Bit #
15
14
13
12
11
10
9
8
Name
PE15
PE14
PE13
PE12
PE11
PE10
PE9
PE8
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
Default
0
0
0
0
0
0
0
0
Bits 15 to 0: P-bit Parity Error Count (PE[15:0]) – These sixteen bits indicate the number of P-bit parity errors
detected on the incoming DS3 data stream. This register is updated via the PMU signal (see Section 10.4.5).
Register Name:
T3.RFBECR
Register Description:
T3 Receive Far-End Block Error Count Register
Register Address:
(1,3,5,7)38h
Bit #
15
14
13
12
11
10
9
8
Name
FBE15
FBE14
FBE13
FBE12
FBE11
FBE10
FBE9
FBE8
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
FBE7
FBE6
FBE5
FBE4
FBE3
FBE2
FBE1
FBE0
Default
0
0
0
0
0
0
0
0
Bits 15 to 0: Far-End Block Error Count (FBE[15:0]) – These sixteen bits indicate the number of far-end block
errors detected on the incoming DS3 data stream. The associated counter will not increment in M23 DS3 mode.
This register is updated via the PMU signal (see Section 10.4.5).
Register Name:
T3.RCPECR
Register Description:
T3 Receive C-bit Parity Error Count Register
Register Address:
(1,3,5,7)3Ah
Bit #
15
14
13
12
11
10
9
8
Name
CPE15
CPE14
CPE13
CPE12
CPE11
CPE10
CPE9
CPE8
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
CPE7
CPE6
CPE5
CPE4
CPE3
CPE2
CPE1
CPE0
Default
0
0
0
0
0
0
0
0
Bits 15 to 0: C-bit Parity Error Count (CPE[15:0]) – These sixteen bits indicate the number of C-bit parity errors
detected on the incoming DS3 data stream. The associated counter will not increment in M23 DS3 mode. This
register is updated via the PMU signal (see Section 10.4.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com