Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 189 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 189 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 185Page - Dallas Semiconductor DS3172 Datasheet HTML 186Page - Dallas Semiconductor DS3172 Datasheet HTML 187Page - Dallas Semiconductor DS3172 Datasheet HTML 188Page - Dallas Semiconductor DS3172 Datasheet HTML 189Page - Dallas Semiconductor DS3172 Datasheet HTML 190Page - Dallas Semiconductor DS3172 Datasheet HTML 191Page - Dallas Semiconductor DS3172 Datasheet HTML 192Page - Dallas Semiconductor DS3172 Datasheet HTML 193Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
189 of 232
Bits 9 to 8: Framing Error Count Control (FECC[1:0]) – These two bits control the type of framing error events
that are counted.
00 = count OOF occurrences (counted regardless of the setting of the ECC bit)..
01 = count each bit error in the FAS (up to 10 per frame).
10 = count frame alignment signal (FAS) errors (up to one per frame).
11 = reserved
Bit 7: Receive Alarm Indication on LOF Enable (RAILE) – When 0, an LOF condition does not affect the receive
alarm indication signal (RAI). When 1, an LOF condition will cause the transmit E3 A bit to be set to one if transmit
automatic RAI is enabled.
Bit 6: Receive Alarm Indication on LOS Disable (RAILD) – When 0, an LOS condition will cause the transmit E3
A bit to be set to one if transmit automatic RAI is enabled. When 1, an LOS condition does not affect the RAI
signal.
Bit 5: Receive Alarm Indication on OOF Disable (RAIOD) – When 0, an OOF condition will cause the transmit
E3 A bit to be set to one if transmit automatic RAI is enabled. When 1, an OOF condition does not affect the RAI
signal.
Bit 4: Receive Alarm Indication on AIS Disable (RAIAD) – When 0, an AIS condition will cause the transmit E3
A bit to be set to one if transmit automatic RAI is enabled. When 1, an AIS condition does not affect the RAI signal.
Bit 3: Receive Overhead Masking Disable (ROMD) – When 0, the E3 overhead positions in the outgoing E3
payload will be marked as overhead by RDENn. When 1, the E3 overhead positions in the outgoing E3 payload will
be marked as data by RDENn.
Bits 2 to 1: LOF Integration Period (LIP[1:0]) – These two bits determine the OOF integration period for
declaring LOF.
00 = OOF is integrated for 3 ms before declaring LOF
01 = OOF is integrated for 2 ms before declaring LOF.
10 = OOF is integrated for 1 ms before declaring LOF
11 = LOF is declared at the same time as OOF
Bit 0: Force Framer Resynchronization (FRSYNC) – A 0 to 1 transition forces an OOF condition at the FAS
check. This bit must be cleared and set to one again to force another resynchronization
Register Name:
E3G751.RSR1
Register Description:
E3 G.751 Receive Status Register #1
Register Address:
(1,3,5,7)24h
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
Reserved
--
Reserved
Reserved
Reserved
Reserved
RUA1
Bit #
7
6
5
4
3
2
1
0
Name
RAB
RNB
--
LOF
RDI
AIS
OOF
LOS
Bit 8: Receive Unframed All 1’s (RUA1) – When 0, the receive frame processor is not in a receive unframed all
1’s (RUA1) condition. When 1, the receive frame processor is in an RUA1 condition.
Bit 7: Receive A Bit (RAB) – This bit is the integrated A bit extracted from the E3 frame.
Bit 6: Receive N Bit (RNB) – This bit is the integrated N bit extracted from the E3 frame.
Bit 4: Loss Of Frame (LOF) – When 0, the receive frame processor is not in a loss of frame (LOF) condition.
When 1, the receive frame processor is in an LOF condition.
Bit 3: Remote Alarm Indication (RDI) – This bit indicates the current state of the remote alarm indication (RDI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com