Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 187 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 187 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 183Page - Dallas Semiconductor DS3172 Datasheet HTML 184Page - Dallas Semiconductor DS3172 Datasheet HTML 185Page - Dallas Semiconductor DS3172 Datasheet HTML 186Page - Dallas Semiconductor DS3172 Datasheet HTML 187Page - Dallas Semiconductor DS3172 Datasheet HTML 188Page - Dallas Semiconductor DS3172 Datasheet HTML 189Page - Dallas Semiconductor DS3172 Datasheet HTML 190Page - Dallas Semiconductor DS3172 Datasheet HTML 191Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
187 of 232
Register Name:
E3G751.TEIR
Register Description:
E3 G.751 Transmit Error Insertion Register
Register Address:
(1,3,5,7)1Ah
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
Reserved
Reserved
Reserved
Reserved
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
Reserved
Reserved
Reserved
FEIC1
FEIC0
FEI
TSEI
MEIMS
Default
0
0
0
0
0
0
0
0
Bits 4 to 3: Framing Error Insert Control (FEIC[1:0]) – These two bits control the framing error event to be
inserted.
00 = single bit error in one frame.
01 = word error in one frame.
10 = single bit error in four consecutive frames.
11 = word error in four consecutive frames.
Bit 2: Framing Error Insertion Enable (FEI) – When 0, framing error insertion is disabled. When 1, framing error
insertion is enabled.
Bit 1: Transmit Single Error Insert (TSEI) – This bit causes an error of the enabled type(s) to be inserted in the
transmit data stream if manual error insertion is disabled (MEIMS = 0). A 0 to 1 transition causes a single error to
be inserted. For a second error to be inserted, this bit must be set to 0, and back to 1. Note: If MEIMS is low, and
this bit transitions more than once between error insertion opportunities, only one error will be inserted.
Bit 0: Manual Error Insert Mode Select (MEIMS) – When 0, error insertion is initiated by the TSEI register bit.
When 1, error insertion is initiated by the transmit manual error insertion signal (TMEI). Note: If TMEI or TSEI is
one, changing the state of this bit may cause an error to be inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com