Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 188 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 188 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 184Page - Dallas Semiconductor DS3172 Datasheet HTML 185Page - Dallas Semiconductor DS3172 Datasheet HTML 186Page - Dallas Semiconductor DS3172 Datasheet HTML 187Page - Dallas Semiconductor DS3172 Datasheet HTML 188Page - Dallas Semiconductor DS3172 Datasheet HTML 189Page - Dallas Semiconductor DS3172 Datasheet HTML 190Page - Dallas Semiconductor DS3172 Datasheet HTML 191Page - Dallas Semiconductor DS3172 Datasheet HTML 192Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
188 of 232
12.9.4 Receive G.751 E3 Register Map
The receive G.751 E3 utilizes eight registers.
Table 12-26. Receive G.751 E3 Framer Register Map
Address
Register
Register Description
(1,3,5,7)20h
E3G751.RCR
E3 G.751 Receive Control Register
(1,3,5,7)22h
--
Reserved
(1,3,5,7)24h
E3G751.RSR1
E3 G.751 Receive Status Register #1
(1,3,5,7)26h
E3G751.RSR2
E3 G.751 Receive Status Register #2
(1,3,5,7)28h
E3G751.RSRL1
E3 G.751 Receive Status Register Latched #1
(1,3,5,7)2Ah E3G751.RSRL2
E3 G.751 Receive Status Register Latched #2
(1,3,5,7)2Ch E3G751.RSRIE1
E3 G.751 Receive Status Register Interrupt Enable #1
(1,3,5,7)2Eh E3G751.RSRIE2
E3 G.751 Receive Status Register Interrupt Enable #2
(1,3,5,7)30h
--
Reserved
(1,3,5,7)32h
--
Reserved
(1,3,5,7)34h
E3G751.RFECR
E3 G.751 Receive Framing Error Count Register
(1,3,5,7)36h
--
Reserved
(1,3,5,7)38h
--
Reserved
(1,3,5,7)3Ah
--
Reserved
(1,3,5,7)3Ch
--
Unused
(1,3,5,7)3Eh
--
Unused
12.9.4.1 Register Bit Descriptions
Register Name:
E3G751.RCR
Register Description:
E3 G.751 Receive Control Register
Register Address:
(1,3,5,7)20h
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
Reserved
DLS
MDAISI
AAISD
ECC
FECC1
FECC0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
RAILE
RAILD
RAIOD
RAIAD
ROMD
LIP1
LIP0
FRSYNC
Default
0
0
0
0
0
0
0
0
Bit 13: Receive FEAC Data Link Source (DLS) – When 0, the receive FEAC controller will be sourced from the N
bit. When 1, the receive FEAC controller will be sourced from the A bit.
Bit 12: Manual Downstream AIS Insertion (MDAISI) – When 0, manual downstream AIS insertion is disabled.
When 1, manual downstream AIS insertion is enabled.
Bit 11: Automatic Downstream AIS Disable (AAISD) – When 0, the presence of an LOS, OOF, or AIS condition
will cause downstream AIS to be inserted. When 1, the presence of an LOS, OOF, or AIS condition will not cause
downstream AIS to be inserted.
Bit 10: Error Count Control (ECC) – When 0, framing errors will not be counted if an OOF or AIS condition is
present. When 1, framing errors will be counted regardless of the presence of an OOF or AIS condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com