Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 208 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 208 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 204Page - Dallas Semiconductor DS3172 Datasheet HTML 205Page - Dallas Semiconductor DS3172 Datasheet HTML 206Page - Dallas Semiconductor DS3172 Datasheet HTML 207Page - Dallas Semiconductor DS3172 Datasheet HTML 208Page - Dallas Semiconductor DS3172 Datasheet HTML 209Page - Dallas Semiconductor DS3172 Datasheet HTML 210Page - Dallas Semiconductor DS3172 Datasheet HTML 211Page - Dallas Semiconductor DS3172 Datasheet HTML 212Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
208 of 232
Figure 13-2. JTAG TAP Controller State Machine
Test-Logic-Reset
Run-Test/Idle
Select
DR-Scan
1
0
Capture-DR
1
0
Shift-DR
0
1
Exit1- DR
1
0
Pause-DR
1
Exit2-DR
1
Update-DR
0
0
1
Select
IR-Scan
1
0
Capture-IR
0
Shift-IR
0
1
Exit1-IR
1
0
Pause-IR
1
Exit2-IR
1
Update-IR
0
0
1
0
0
1
0
1
0
1
Test-Logic-Reset. When
JTRST is changed from low to high, the TAP controller starts in the Test-Logic-Reset
state, and the Instruction Register is loaded with the IDCODE instruction. All system logic and I/O pads on the
device operate normally. This state can also be reached from any other state by holding JTMS high and clocking
JTCLK five times.
Run-Test-Idle. Run-Test-Idle is used between scan operations or during specific tests. The Instruction Register
and Test Register remain idle.
Select-DR-Scan. All test registers retain their previous state. With JTMS low, a rising edge of JTCLK moves the
controller into the Capture-DR state and initiates a scan sequence. JTMS high moves the controller to the Select-
IR-Scan state.
Capture-DR. Data may be parallel loaded into the Test Data register selected by the current instruction. If the
instruction does not call for a parallel load or the selected register does not allow parallel loads, the Test Register
remains at its current value. On the rising edge of JTCLK, the controller goes to the Shift-DR state if JTMS is low or
to the Exit1-DR state if JTMS is high.
Shift-DR. The Test Data Register selected by the current instruction is connected between JTDI and JTDO and
shifts data one stage towards its serial output on each rising edge of JTCLK. If a Test Register selected by the
current instruction is not placed in the serial path, it maintains its previous state.
Exit1-DR. While in this state, a rising edge on JTCLK with JTMS high puts the controller in the Update-DR state
that terminates the scanning process. A rising edge on JTCLK with JTMS low puts the controller in the Pause-DR
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com