Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 207 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 207 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 203Page - Dallas Semiconductor DS3172 Datasheet HTML 204Page - Dallas Semiconductor DS3172 Datasheet HTML 205Page - Dallas Semiconductor DS3172 Datasheet HTML 206Page - Dallas Semiconductor DS3172 Datasheet HTML 207Page - Dallas Semiconductor DS3172 Datasheet HTML 208Page - Dallas Semiconductor DS3172 Datasheet HTML 209Page - Dallas Semiconductor DS3172 Datasheet HTML 210Page - Dallas Semiconductor DS3172 Datasheet HTML 211Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
207 of 232
13 JTAG INFORMATION
13.1 JTAG Description
This device supports the standard instruction codes SAMPLE/PRELOAD, BYPASS, and EXTEST. Optional public
instructions included are HIGHZ, CLAMP, and IDCODE. The device contains the following items, which meet the
requirements set by the IEEE 1149.1 Standard Test Access Port (TAP) and Boundary Scan Architecture:
Test Access Port (TAP)
TAP Controller
Instruction Register
Bypass Register
Boundary Scan Register
Device Identification Register
The Test Access Port has the necessary interface pins, namely JTCLK, JTDI, JTDO, and JTMS, and the optional
JTRST input. Details on these pins can be found in Section 8. Refer to IEEE 1149.1-1990, IEEE 1149.1a-1993, and
IEEE 1149.1b-1994 for details about the Boundary Scan Architecture and the Test Access Port.
Figure 13-1. JTAG Block Diagram
Boundary Scan
Register
Identification
Register
Bypass
Register
Instruction
Register
Test Access Port
Controller
Mux
Select
Tri-State
JTDI
10K
JTMS
10K
JTCLK
JTRST
10K
JTDO
13.2 JTAG TAP Controller State Machine Description
This section covers the details on the operation of the Test Access Port (TAP) Controller State Machine. See
Figure 13-2 for details on each of the states described below. The TAP controller is a finite state machine that
responds to the logic level at JTMS on the rising edge of JTCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com