Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 203 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 203 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 199Page - Dallas Semiconductor DS3172 Datasheet HTML 200Page - Dallas Semiconductor DS3172 Datasheet HTML 201Page - Dallas Semiconductor DS3172 Datasheet HTML 202Page - Dallas Semiconductor DS3172 Datasheet HTML 203Page - Dallas Semiconductor DS3172 Datasheet HTML 204Page - Dallas Semiconductor DS3172 Datasheet HTML 205Page - Dallas Semiconductor DS3172 Datasheet HTML 206Page - Dallas Semiconductor DS3172 Datasheet HTML 207Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
203 of 232
Register Name:
E3G832.RFECR
Register Description:
E3 G.832 Receive Framing Error Count Register
Register Address:
(1,3,5,7)34h
Bit #
15
14
13
12
11
10
9
8
Name
FE15
FE14
FE13
FE12
FE11
FE10
FE9
FE8
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
FE7
FE6
FE5
FE4
FE3
FE2
FE1
FE0
Default
0
0
0
0
0
0
0
0
Bits 15 to 0: Framing Error Count (FE[15:0]) – These sixteen bits indicate the number of framing error events on
the incoming E3 data stream. This register is updated via the PMU signal (see Section 10.4.5).
Register Name:
E3G832.RPECR
Register Description:
E3 G.832 Receive Parity Error Count Register
Register Address:
(1,3,5,7)36h
Bit #
15
14
13
12
11
10
9
8
Name
PE15
PE14
PE13
PE12
PE11
PE10
PE9
PE8
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
Default
0
0
0
0
0
0
0
0
Bits 15 to 0: Parity Error Count (PE[15:0]) – These sixteen bits indicate the number of parity (BIP-8) errors
detected on the incoming E3 data stream. This register is updated via the PMU signal (see Section 10.4.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com