Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 199 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 199 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 195Page - Dallas Semiconductor DS3172 Datasheet HTML 196Page - Dallas Semiconductor DS3172 Datasheet HTML 197Page - Dallas Semiconductor DS3172 Datasheet HTML 198Page - Dallas Semiconductor DS3172 Datasheet HTML 199Page - Dallas Semiconductor DS3172 Datasheet HTML 200Page - Dallas Semiconductor DS3172 Datasheet HTML 201Page - Dallas Semiconductor DS3172 Datasheet HTML 202Page - Dallas Semiconductor DS3172 Datasheet HTML 203Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
199 of 232
Register Name:
E3G832.RSRL1
Register Description:
E3 G.832 Receive Status Register Latched #1
Register Address:
(1,3,5,7)28h
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
--
TIL
RPTUL
RPTML
RPTL
Reserved
RUA1L
Bit #
7
6
5
4
3
2
1
0
Name
GCL
NRL
COFAL
LOFL
RDIL
AISL
OOFL
LOSL
Bit 13: Timing Source Indication Change Latched (TIL) – This bit is set when the TI[3:0] bits change state.
Bit 12: Receive Payload Type Unstable Latched (RPTUL) – This bit is set when the RPTU bit transitions from
zero to one.
Bit 11: Receive Payload Type Mismatch Latched (RPTML) – This bit is set when the RPTM bit transitions from
zero to one.
Bit 10: Receive Payload Type Change Latched (RPTL) – This bit is set when the RPT[2:0] bits change state.
Bit 8: Receive Unframed All 1’s Change Latched (RUA1L) – This bit is set when the RUA1 bit changes state.
Bit 7: GC Byte Change Latched (GCL) – This bit is set when the RGC byte changes state.
Bit 6: NR Byte Change Latched (NRL) – This bit is set when the RNR byte changes state.
Bit 5: Change Of Frame Alignment Latched (COFAL) – This bit is set when the data path frame counters are
updated with a new frame alignment that is different from the previous frame alignment.
Bit 4: Loss Of Frame Change Latched (LOFL) – This bit is set when the LOF bit changes state.
Bit 3: Remote Defect Indication Change Latched (RDIL) – This bit is set when the RDI bit changes state.
Bit 2: Alarm Indication Signal Change Latched (AISL) – This bit is set when the AIS bit changes state.
Bit 1: Out Of Frame Change Latched (OOFL) – This bit is set when the OOF bit changes state.
Bit 0: Loss Of Signal Change Latched (LOSL) – This bit is set when the LOS bit changes state.
Register Name:
E3G832.RSRL2
Register Description:
E3 G.832 Receive Status Register Latched #2
Register Address:
(1,3,5,7)2Ah
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
Reserved
FBEL
PEL
FEL
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
Reserved
FBECL
PECL
FECL
Bit 10: Remote Error Indication Latched (FBEL) – This bit is set when a remote error indication is detected.
Bit 9: Parity Error Latched (PEL) – This bit is set when a BIP-8 parity error is detected.
Bit 8: Framing Error Latched (FEL) – This bit is set when a framing error is detected.
Bit 2: Remote Error Indication Count Latched (FBECL) – This bit is set when the FBEC bit transitions from zero
to one.
Bit 1: Parity Error Count Latched (PECL) – This bit is set when the PEC bit transitions from zero to one.
Bit 0: Framing Error Count Latched (FECL) – This bit is set when the FEC bit transitions from zero to one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com