Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 198 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 198 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 194Page - Dallas Semiconductor DS3172 Datasheet HTML 195Page - Dallas Semiconductor DS3172 Datasheet HTML 196Page - Dallas Semiconductor DS3172 Datasheet HTML 197Page - Dallas Semiconductor DS3172 Datasheet HTML 198Page - Dallas Semiconductor DS3172 Datasheet HTML 199Page - Dallas Semiconductor DS3172 Datasheet HTML 200Page - Dallas Semiconductor DS3172 Datasheet HTML 201Page - Dallas Semiconductor DS3172 Datasheet HTML 202Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
198 of 232
Register Name:
E3G832.RSR1
Register Description:
E3 G.832 Receive Status Register #1
Register Address:
(1,3,5,7)24h
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
--
--
RPTU
RPTM
Reserved
Reserved
RUA1
Bit #
7
6
5
4
3
2
1
0
Name
Reserved
Reserved
--
LOF
RAI
AIS
OOF
LOS
Bit 12: Receive Payload Type Unstable (RPTU) – When 0, the receive payload type is stable. When 1, the
receive payload type is unstable.
Bit 11: Receive Payload Type Mismatch (RPTM) – When 0, the receive payload type and expected payload type
match. When 1, the receive payload type and expected payload type do not match.
Bit 8: Receive Unframed All 1’s (RUA1) – When 0, the receive frame processor is not in a receive unframed all
1’s (RUA1) condition. When 1, the receive frame processor is in an RUA1 condition.
Bit 4: Loss Of Frame (LOF) – When 0, the receive frame processor is not in a loss of frame (LOF) condition.
When 1, the receive frame processor is in an LOF condition.
Bit 3: Remote Defect Indication (RDI) – This bit indicates the current state of the remote defect indication (RDI).
Bit 2: Alarm Indication Signal (AIS) – When 0, the receive frame processor is not in an alarm indication signal
(AIS) condition. When 1, the receive frame processor is in an AIS condition.
Bit 1: Out Of Frame (OOF) – When 0, the receive frame processor is not in an out of frame (OOF) condition.
When 1, the receive frame processor is in an OOF condition.
Bit 0: Loss Of Signal (LOS) – When 0, the receive loss of signal (LOS) input (RLOS) is low. When 1, RLOS is
high.
Register Name:
E3G832.RSR2
Register Description:
E3 G.832 Receive Status Register #2
Register Address:
(1,3,5,7)26h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
Reserved
FBEC
PEC
FEC
Bit 2: Remote Error Indication Count (FBEC) – When 0, the remote error indication count is zero. When 1, the
remote error indication count is one or more.
Bit 1: Parity Error Count (PEC) – When 0, the parity error count is zero. When 1, the parity error count is one or
more.
Bit 0: Framing Error Count (FEC) – When 0, the framing error count is zero. When 1, the framing error count is
one or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com