Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 197 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 197 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 193Page - Dallas Semiconductor DS3172 Datasheet HTML 194Page - Dallas Semiconductor DS3172 Datasheet HTML 195Page - Dallas Semiconductor DS3172 Datasheet HTML 196Page - Dallas Semiconductor DS3172 Datasheet HTML 197Page - Dallas Semiconductor DS3172 Datasheet HTML 198Page - Dallas Semiconductor DS3172 Datasheet HTML 199Page - Dallas Semiconductor DS3172 Datasheet HTML 200Page - Dallas Semiconductor DS3172 Datasheet HTML 201Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
197 of 232
an OOF or AIS condition is terminated, and the next E3 frame. When 1, framing errors, parity errors, and REI
errors will be counted regardless of the presence of an OOF or AIS condition.
Bits 9 to 8: Framing Error Count Control (FECC[1:0]) – These two bits control the type of framing error events
that are counted.
00 = count OOF occurrences (counted regardless of the setting of the ECC bit)..
01 = count each bit error in FA1 and FA2 (up to 16 per frame).
10 = count frame alignment word (FA1 and FA2) errors (up to one per frame).
11 = count FA1 byte errors and FA2 byte errors (up to 2 per frame).
Bit 7: Receive Defect Indication on LOF Enable (RDILE) – When 0, an LOF condition does not affect the receive
defect indication signal (RDI). When 1, an LOF condition will cause the transmit E3 RDI bit to be set to one if
transmit automatic RDI is enabled.
Bit 6: Receive Defect Indication on LOS Disable (RDILD) – When 0, an LOS condition will cause the transmit E3
RDI bit to be set to one if transmit automatic RDI is enabled. When 1, an LOS condition does not affect the RDI
signal.
Bit 5: Receive Defect Indication on OOF Disable (RDIOD) – When 0, an OOF condition will cause the transmit
E3 RDI bit to be set to one if transmit automatic RDI is enabled. When 1, an OOF condition does not affect the RDI
signal.
Bit 4: Receive Defect Indication on AIS Disable (RDIAD) – When 0, an AIS condition will cause the transmit E3
RDI bit to be set to one if transmit automatic RDI is enabled. When 1, an AIS condition does not affect the RDI
signal.
Bit 3: Receive Overhead Masking Disable (ROMD) – When 0, the E3 overhead positions in the outgoing E3
payload will be marked as overhead by RDENn. When 1, the E3 overhead positions in the outgoing E3 payload will
be marked as data by RDENn.
Bits 2 to 1: LOF Integration Period (LIP[1:0]) – These two bits determine the OOF integration period for
declaring LOF.
00 = OOF is integrated for 3 ms before declaring LOF.
01 = OOF is integrated for 2 ms before declaring LOF.
10 = OOF is integrated for 1 ms before declaring LOF.
11 = LOF is declared at the same time as OOF.
Bit 0: Force Framer Resynchronization (FRSYNC) – A 0 to 1 transition forces. an OOF condition at the next
framing word check. This bit must be cleared and set to one again to force another resynchronization.
Register Name:
E3G832.RMACR
Register Description:
E3 G.832 Receive MA Byte Control Register
Register Address:
(1,3,5,7)22h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
--
--
--
EPT2
EPT1
EPT0
TIED
Default
0
0
0
0
0
0
0
0
Bits 3 to 1: Expected Payload Type (EPT[2:0]) – These three bits contain the expected value of the payload
type.
Bit 0: Timing Source Indicator Bit Extraction Disable (TIED) – When 0, the four timing source indications bits
are extracted from the last three bits of the MA byte (MA[6:8]), and stored in a register. When 1, timing source
indicator bit extraction is disabled, and the last three bits of the MA byte are integrated and stored in a register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com