Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 196 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 196 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 192Page - Dallas Semiconductor DS3172 Datasheet HTML 193Page - Dallas Semiconductor DS3172 Datasheet HTML 194Page - Dallas Semiconductor DS3172 Datasheet HTML 195Page - Dallas Semiconductor DS3172 Datasheet HTML 196Page - Dallas Semiconductor DS3172 Datasheet HTML 197Page - Dallas Semiconductor DS3172 Datasheet HTML 198Page - Dallas Semiconductor DS3172 Datasheet HTML 199Page - Dallas Semiconductor DS3172 Datasheet HTML 200Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
196 of 232
12.9.6 Receive G.832 E3 Register Map
The receive G.832 E3 utilizes thirteen registers.
Table 12-28. Receive G.832 E3 Framer Register Map
Address
Register
Register Description
(1,3,5,7)20h
E3G832.RCR
E3 G.832 Receive Control Register
(1,3,5,7)22h
E3G832.RMACR
E3 G.832 Receive MA Byte Control Register
(1,3,5,7)24h
E3G832.RSR1
E3 G.832 Receive Status Register #1
(1,3,5,7)26h
E3G832.RSR2
E3 G.832 Receive Status Register #2
(1,3,5,7)28h
E3G832.RSRL1
E3 G.832 Receive Status Register Latched #1
(1,3,5,7)2Ah E3G832.RSRL2
E3 G.832 Receive Status Register Latched #2
(1,3,5,7)2Ch E3G832.RSRIE1
E3 G.832 Receive Status Register Interrupt Enable #1
(1,3,5,7)2Eh E3G832.RSRIE2
E3 G.832 Receive Status Register Interrupt Enable #2
(1,3,5,7)30h
E3G832.RMABR
E3 G.832 Receive MA Byte Register
(1,3,5,7)32h
E3G832.RNGBR
E3 G.832 Receive NR and GC Byte Register
(1,3,5,7)34h
E3G832.RFECR
E3 G.832 Receive Framing Error Count Register
(1,3,5,7)36h
E3G832.RPECR
E3 G.832 Receive Parity Error Count Register
(1,3,5,7)38h
E3G832.RFBER
E3 G.832 Receive Remote Error Indication Count Register
(1,3,5,7)3Ah
--
Reserved
(1,3,5,7)3Ch
--
Unused
(1,3,5,7)3Eh
--
Unused
12.9.6.1 Register Bit Descriptions
Register Name:
E3G832.RCR
Register Description:
E3 G.832 Receive Control Register
Register Address:
(1,3,5,7)20h
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
PEC
DLS
MDAISI
AAISD
ECC
FECC1
FECC0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
RDILE
RDILD
RDIOD
RDIAD
ROMD
LIP1
LIP0
FRSYNC
Default
0
0
0
0
0
0
0
0
Bit 14: Parity Error Count (PEC) – When 0, BIP-8 block errors (EM byte) are detected (no more than one per
frame). When 1, BIP-8-bit errors are detected (up to 8 per frame).
Bit 13: Receive HDLC Data Link Source (DLS) – When 0, the receive HDLC data link will be sourced from the
GC byte. When 1, the receive HDLC data link will be sourced from the NR byte.
Bit 12: Manual Downstream AIS Insertion (MDAISI) – When 0, manual downstream AIS insertion is disabled.
When 1, manual downstream AIS insertion is enabled.
Bit 11: Automatic Downstream AIS Disable (AAISD) – When 0, the presence of an LOS, OOF, or AIS condition
will cause downstream AIS to be inserted. When 1, the presence of an LOS, OOF, or AIS condition will not cause
downstream AIS to be inserted.
Bit 10: Error Count Control (ECC) – When 0, framing errors, parity errors, and REI errors will not be counted if an
OOF or AIS condition is present. Parity errors and REI errors will also not be counted during the E3 frame in which



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com