Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 202 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 202 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 198Page - Dallas Semiconductor DS3172 Datasheet HTML 199Page - Dallas Semiconductor DS3172 Datasheet HTML 200Page - Dallas Semiconductor DS3172 Datasheet HTML 201Page - Dallas Semiconductor DS3172 Datasheet HTML 202Page - Dallas Semiconductor DS3172 Datasheet HTML 203Page - Dallas Semiconductor DS3172 Datasheet HTML 204Page - Dallas Semiconductor DS3172 Datasheet HTML 205Page - Dallas Semiconductor DS3172 Datasheet HTML 206Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
202 of 232
Bit 2: Remote Error Indication Count Interrupt Enable (FBECIE) – This bit enables an interrupt if the FBECL bit
is set and the bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 1: Parity Error Count Interrupt Enable (PECIE) – This bit enables an interrupt if the PECL bit is set and the
bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Bit 0: Framing Error Count Interrupt Enable (FECIE) – This bit enables an interrupt if the FECL bit is set and the
bit in GL.ISRIE.PSRIE[4:1] that corresponds to this port is set.
0 = interrupt disabled
1 = interrupt enabled
Register Name:
E3G832.RMABR
Register Description:
E3 G.832 Receive MA Byte Register
Register Address:
(1,3,5,7)30h
Bit #
15
14
13
12
11
10
9
8
Name
--
--
--
--
--
--
--
--
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
--
RPT2
RPT1
RPT0
TI3
TI2
TI1
TI0
Default
0
0
0
0
0
0
0
0
Bits 6 to 4: Receive Payload Type (RPT[2:0]) – These three bits are the integrated version of the payload type
(MA[3:5]) from the MA byte.
Bits 3 to 0: Receive Timing Source Indication (TI[3:0]) – When timing source indicator extraction is enabled,
these four bits are the integrated version of the four timing source indicator bits extracted from the last three bits of
the MA byte (MA[6:8]). When timing source indicator bit extraction is disabled, TI[3] is zero, and TI[2:0] contain the
integrated version of the last three bits of the MA byte.
Register Name:
E3G832.RNGBR
Register Description:
E3 G.832 Receive NR and GC Byte Register
Register Address:
(1,3,5,7)32h
Bit #
15
14
13
12
11
10
9
8
Name
RGC7
RGC6
RGC5
RGC4
RGC3
RGC2
RGC1
RGC0
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
RNR7
RNR6
RNR5
RNR4
RNR3
RNR2
RNR1
RNR0
Default
0
0
0
0
0
0
0
0
Bits 15 to 8: Receive GC Byte (RGC[7:0]) – These eight bits are the integrated version of the GC byte as
extracted from the E3 frame.
Bits 7 to 0: Receive NR Byte (RNR[7:0]) – These eight bits are the integrated version of the NR byte as extracted
from the E3 frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com