Electronic Components Datasheet Search
  English  ▼

X  

DS3172 Datasheet(PDF) 205 Page - Dallas Semiconductor

Part # DS3172
Description  Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3172 Datasheet(HTML) 205 Page - Dallas Semiconductor

Back Button DS3172 Datasheet HTML 201Page - Dallas Semiconductor DS3172 Datasheet HTML 202Page - Dallas Semiconductor DS3172 Datasheet HTML 203Page - Dallas Semiconductor DS3172 Datasheet HTML 204Page - Dallas Semiconductor DS3172 Datasheet HTML 205Page - Dallas Semiconductor DS3172 Datasheet HTML 206Page - Dallas Semiconductor DS3172 Datasheet HTML 207Page - Dallas Semiconductor DS3172 Datasheet HTML 208Page - Dallas Semiconductor DS3172 Datasheet HTML 209Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 232 page
background image
DS3171/DS3172/DS3173/DS3174
205 of 232
12.9.8 Receive Clear Channel
The receive Clear Channel mode utilizes four registers.
12.9.8.1 Register Map
Table 12-30. Receive Clear Channel Register Map
Address
Register
Register Description
(1,3,5,7)20h
CC.RCR
Clear Channel Receive Control Register
(1,3,5,7)22h
--
Reserved
(1,3,5,7)24h
CC.RSR1
Clear Channel Receive Status Register #1
(1,3,5,7)26h
--
Reserved
(1,3,5,7)28h
CC.RSRL1 Clear Channel Receive Status Register Latched #1
(1,3,5,7)2Ah
--
Reserved
(1,3,5,7)2Ch CC.RSRIE1 Clear Channel Receive Status Register Interrupt Enable #1
(1,3,5,7)2Eh
--
Reserved
(1,3,5,7)30h
--
Reserved
(1,3,5,7)32h
--
Reserved
(1,3,5,7)34h
--
Reserved
(1,3,5,7)36h
--
Reserved
(1,3,5,7)38h
--
Reserved
(1,3,5,7)3Ah
--
Reserved
(1,3,5,7)3Ch
--
Unused
(1,3,5,7)3Eh
--
Unused
12.9.8.2 Register Bit Descriptions
Register Name:
CC.RCR
Register Description:
Clear Channel Receive Control Register
Register Address:
(1,3,5,7)20h
Bit #
15
14
13
12
11
10
9
8
Name
Reserved
Reserved
Reserved
MDAISI
AAISD
Reserved
Reserved
Reserved
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Default
0
0
0
0
0
0
0
0
Bit 12: Manual Downstream AIS Insertion (MDAISI) – When 0, manual downstream AIS insertion is disabled.
When 1, manual downstream AIS insertion is enabled.
Bit 11: Automatic Downstream AIS Disable (AAISD) – When 0, the presence of an LOS condition will cause
downstream AIS to be inserted. When 1, the presence of an LOS condition will not cause downstream AIS to be
inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com