Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 43 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 43 Page - NEC

Back Button VR4102 Datasheet HTML 39Page - NEC VR4102 Datasheet HTML 40Page - NEC VR4102 Datasheet HTML 41Page - NEC VR4102 Datasheet HTML 42Page - NEC VR4102 Datasheet HTML 43Page - NEC VR4102 Datasheet HTML 44Page - NEC VR4102 Datasheet HTML 45Page - NEC VR4102 Datasheet HTML 46Page - NEC VR4102 Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 701 page
background image
CHAPTER 1 INTRODUCTION
43
1.5 VR4100 CPU CORE
Figure 1-2. VR4100 CPU Core Internal Block Diagram
VR4100 CPU core
CPU
CP0
Instruction
Cache
(4K bytes)
Data
Cache
(1K bytes)
Bus
Interface
Clock
Generator
Address/Data(o)
Address/Data(i)
Internal Clock
ID bus
VA bus
Control(o)
Control(i)
TLB
1.5.1 VR4100 CPU Core
(1) CPU bus interface
The CPU bus interface controls data transmission/reception between the VR4100 CPU core and the BCU, which
is one of peripheral units. The VR4100 CPU interface consists of two 32-bit multiplexed address/data buses (one
is for input, and another is for output), clock signals, and control signals such as interrupts.
(2) Clock generator
The following clock inputs are oscillated and supplied to internal units.
x 32.768-kHz clock for RTC unit:
oscillating a 32.768-kHz crystal resonator input via an internal oscillator to supply to the RTC unit.
x 8.432-MHz clock for serial interface and the VR4102’s reference operating clock:
oscillating an 18.432-MHz crystal resonator input via an internal oscillator, and then multiplying it by phase-
locked loop (PLL) to generate a pipeline clock (PClock). The internal bus clock (TClock) is generated from
PClock and supplied to peripheral units.
(3) Instruction cache
The instruction cache employs direct mapping, virtual index, and physical tag. Its capacity is 4K bytes.
(4) CPU
CPU has hardware resources to process an integer instruction. They are the 64-bit register file, 64-bit integer
data bus, and multiply-and-accumulate operation unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com