Electronic Components Datasheet Search
  English  ▼

X  

VR4102 Datasheet(PDF) 66 Page - NEC

Part # VR4102
Description  64/32-bit Microprocessor
PDF  701 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

VR4102 Datasheet(HTML) 66 Page - NEC

Back Button VR4102 Datasheet HTML 62Page - NEC VR4102 Datasheet HTML 63Page - NEC VR4102 Datasheet HTML 64Page - NEC VR4102 Datasheet HTML 65Page - NEC VR4102 Datasheet HTML 66Page - NEC VR4102 Datasheet HTML 67Page - NEC VR4102 Datasheet HTML 68Page - NEC VR4102 Datasheet HTML 69Page - NEC VR4102 Datasheet HTML 70Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 701 page
background image
CHAPTER 2 PIN FUNCTIONS
66
2.2.4 Initialization Interface Signals
These signals are used when an external agent initializes the processor operation parameters.
Table 2-4
describes the functions of these signals.
Table 2-4 Initialization Interface Signals
Signal
I/O
Description of function
MPOWER
O
This signal is used to turn on the main power source. The VR4102 asserts the signal at this pin to turn
on the power source for the external DC/DC converter.
POWERON
O
This signal indicates when the VR4102 is ready to operate. It becomes active when a power-on factor is
detected and becomes inactive when the BATTINH/BATTINT# signal check operation is completed.
POWER
I
This signal indicates that the POWER ON switch has been pressed. When the POWER ON switch has
been pressed, an external agent must assert the signal at this pin.
RSTSW#
I
This signal indicates that the RESET switch has been pressed. When the RESET switch has been
pressed, an external agent must assert the signal at this pin.
RTCRST#
I
This signal resets the RTC. When power is first supplied to a device, the external agent must assert the
signal at this pin for about 600 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com