Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 363 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 363 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 359Page - Advanced Micro Devices SC3200 Datasheet HTML 360Page - Advanced Micro Devices SC3200 Datasheet HTML 361Page - Advanced Micro Devices SC3200 Datasheet HTML 362Page - Advanced Micro Devices SC3200 Datasheet HTML 363Page - Advanced Micro Devices SC3200 Datasheet HTML 364Page - Advanced Micro Devices SC3200 Datasheet HTML 365Page - Advanced Micro Devices SC3200 Datasheet HTML 366Page - Advanced Micro Devices SC3200 Datasheet HTML 367Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
363
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
7.3.2.2
VIP Support Registers - F4BAR2
F4 Index 18h, Base Address Register 2 (F4BAR2) points to
the base address of where the VIP Configuration registers
are located. Table 7-8 shows the memory mapped VIP
support registers accessed through F4BAR2.
Table 7-8. F4BAR2+Memory Offset: VIP Configuration Registers
Bit
Description
Offset 00h-03h
Video Interface Port Configuration Register (R/W)
Reset Value: 00000000h
31:23
Reserved. Must be set to 0.
22
VIP FIFO Bus Request Threshold. VIP FIFO issues a bus request when it is filled with 32 or 64 bytes.
0: 64 bytes.
1: 32 bytes
21
VBI Task B Store to Memory. When this bit is enabled, raw VBI task B data is stored to memory.
0: Disable.
1: Enable.
This bit is relevant only if bit 18 (VBI Configuration Override) = 1 (enabled).
20
VBI Task A Store to Memory. When this bit is enabled, raw VBI task A data is stored to memory.
0: Disable.
1: Enable.
This bit is relevant only if bit 18 (VBI Configuration Override) = 1 (enabled).
19
VBI Ancillary Store to Memory. When this bit is enabled, raw VBI Ancillary data is stored to memory.
0: Disable.
1: Enable.
This bit is relevant only if bit 18 (VBI Configuration Override) = 1 (enabled).
18
VBI Configuration Override. When this bit is enabled, bits [21:19] override the setup specified in bits 17 and 16.
0: Disable.
1: Enable.
17
VBI Data Task. Specifies the CCIR656 video stream task used to store raw VBI data to memory.
0: Task B.
1: Task A.
This bit is relevant only if bit 16 (VBI Mode for CCIR656) = 1 and bit 18 (VBI Configuration Override) = 0 (disabled).
16
VBI Mode for CCIR656. Specifies the mode in which to store VBI data to memory.
0: Use CCIR656 ancillary data to store VBI data to memory.
1: Use CCIR656 video task A or B to store VBI data to memory, depending on the value of bit 17 (VBI Data Task).
This bit is only used if bit 18 (VBI Configuration Override) = 0 (disabled).
15:2
Reserved. Set to 0.
1:0
Video Input Port Mode. Selects VIP operating mode.
10: CCIR656 mode.
All other decodes: Reserved.
Offset 04h-07h
Video Interface Control Register (R/W)
Reset Value: 00000000h
31:18
Reserved. Must be set to 0.
17
Line Interrupt. When asserted, allows interrupt (INTC#) generation when the Video Current Line register (F4BAR2+ Mem-
ory Offset 10h) contents equal the Video Line Target Register (F4BAR2+ Memory Offset 14h) contents.
0: Disable.
1: Enable.
16
Field Interrupt. When asserted, allows interrupt (INTC#) generation at the end of a field (i.e., the end of active video for the
current field). Interrupt generation can be enabled regardless of whether or not video capture (store to memory) is enabled.
0: Disable.
1: Enable.
15:11
Reserved. Must be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com