Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 366 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 366 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 362Page - Advanced Micro Devices SC3200 Datasheet HTML 363Page - Advanced Micro Devices SC3200 Datasheet HTML 364Page - Advanced Micro Devices SC3200 Datasheet HTML 365Page - Advanced Micro Devices SC3200 Datasheet HTML 366Page - Advanced Micro Devices SC3200 Datasheet HTML 367Page - Advanced Micro Devices SC3200 Datasheet HTML 368Page - Advanced Micro Devices SC3200 Datasheet HTML 369Page - Advanced Micro Devices SC3200 Datasheet HTML 370Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 447 page
background image
366
AMD Geode™ SC3200 Processor Data Book
Video Processor Module - Video Processor Registers - Function 4
Revision 5.1
Offset 40h-43h
VBI Data Odd Base Register (R/W)
Reset Value: 00000000h
This register specifies the base address in graphics memory where VBI data for odd fields are stored. Changes to this register take
effect at the beginning of the next field. The value in this register is 16-byte aligned.
Note:
This register is double-buffered. When a new value is written this register, the new value is placed in a special "pending" regis-
ter, and the "Base Register Not Updated" bit (F4BAR2+MemoryOffset 08h[21]) is set to 1. The VBI Data Odd Base Register
(this register) is not updated at this point. When the first data of the next field is stored to memory, the pending values of all
base registers (including this one) are written to the appropriate base registers, and the "Base Register Not Updated" bit is
cleared.
31:0
VBI Odd Base Address. Base address where VBI data for odd fields is stored in graphics memory. Bits [3:0] are always 0
and define the required address space.
Offset 44h-47h
VBI Data Even Base Register (R/W)
Reset Value: 00000000h
This register specifies the base address in graphics memory where VBI data for even fields is stored. Changes to this register take effect
at the beginning of the next field. The value in this register is 16-byte aligned.
Note:
This register is double-buffered. When a new value is written to this register, the new value is placed in a special "pending" reg-
ister, and the "Base Register Not Updated" bit (F4BAR2+MemoryOffset 08h[21]) is set to 1. The VBI Data Even Base Register
(this register) is not updated at this point. When the first data of the next field is stored to memory, the pending values of all
base registers (including this one) are written to the appropriate base registers, and the "Base Register Not Updated" bit is
cleared.
31:0
VBI Even Base Address. Base address where VBI data for even fields is stored in graphics memory. Bits [3:0] are always
0 and define the required address space.
Offset 48h-4Bh
VBI Data Pitch Register (R/W)
Reset Value: 00000000h
This register specifies the logical width of the VBI data buffer. This value is added to the start of the line address to get the address of the
next line where VBI data are stored to memory. This value must be an integral number of DWORDs.
31:16
Reserved.
15:0
VBI Data Pitch. Specifies the logical width of the video data buffer. Bits [1:0] are always 0.
Offset 4Ch-1FFh
Reserved
Reset Value: 00h
Table 7-8. F4BAR2+Memory Offset: VIP Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com