Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 373 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 373 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 369Page - Advanced Micro Devices SC3200 Datasheet HTML 370Page - Advanced Micro Devices SC3200 Datasheet HTML 371Page - Advanced Micro Devices SC3200 Datasheet HTML 372Page - Advanced Micro Devices SC3200 Datasheet HTML 373Page - Advanced Micro Devices SC3200 Datasheet HTML 374Page - Advanced Micro Devices SC3200 Datasheet HTML 375Page - Advanced Micro Devices SC3200 Datasheet HTML 376Page - Advanced Micro Devices SC3200 Datasheet HTML 377Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
373
Electrical Specifications
Revision 5.1
9.1.6
Ball Capacitance and Inductance
Table 9-8 gives ball capacitance and inductance values.
Table 9-7. DC Characteristics for Active Idle, Sleep, and Off States
Symbol
ParameterNote 1
Min
Typ
Max
Unit
Comments
ICC3IDLE
fCLK = 233 MHz, I/O Current @ VIO = 3.3V
(Nominal); CPU state = Active Idle
260
mA
ICC for VIO
fCLK = 266 MHz, I/O Current @ VIO = 3.3V
(Nominal); CPU state = Active Idle
270
ICC3SLP
I/O Current @ VIO = 3.3V (Nominal);
CPU state = Sleep
20
30
mA
ICC for VIO,
Note 2
ICOREIDLE
fCLK = 233 MHz, Core Current @ VCORE =
1.8V (Nominal); CPU state = Active Idle
360
mA
ICC for VCORE
fCLK = 266 MHz, Core Current @ VCORE =
1.8V (Nominal); CPU state = Active Idle
380
ICORESLP
Core Current @ VCORE = 1.8V (Nominal);
CPU state = Sleep
20
30
mA
ICC for VCORE,
Note 2
ISBOFF
SB Current @ VSB = 3.3V (Nominal);
CPU state = Off
<1
mA
ISBLOFF
SBL Current @ VSBL = 1.8V (Nominal);
CPU state = Off
<1
mA
ICC for VSBL,
Note 3
IBAT
BAT Current @ VBAT = 3.0 (Nominal);
CPU state = Off
750
µA
Note 1. fCLK ratings refer to internal clock frequency.
Note 2. All inputs are at 0.2V or VIO – 0.2 (CMOS levels). All inputs are held static, and all outputs are unloaded (static IOUT
= 0 mA).
Note 3. All VSBL supplied inputs are at 0.2V or VSBL – 0.2 (CMOS levels). All inputs are held static, and all outputs are un-
loaded (static IOUT = 0 mA).
Table 9-8. Ball Capacitance and Inductance
Symbol
Parameter
Min
Typ
Max
Unit
Comments
CIN
Input Pin Capacitance
4
7
pF
Note 1
CIN
Clock Input Capacitance
5
8
12
pF
Note 1
CIO
I/O Pin Capacitance
10
12
pF
Note 1
CO
Output Pin Capacitance
6
8
pF
Note 1
LPIN
Pin Inductance
20
nH
Note 2
Note 1. TA = 25°C, f = 1 MHz. All capacitances are not 100% tested.
Note 2. Not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com