Electronic Components Datasheet Search
  English  ▼

X  

SC3200 Datasheet(PDF) 393 Page - Advanced Micro Devices

Part # SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Datasheet(HTML) 393 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 389Page - Advanced Micro Devices SC3200 Datasheet HTML 390Page - Advanced Micro Devices SC3200 Datasheet HTML 391Page - Advanced Micro Devices SC3200 Datasheet HTML 392Page - Advanced Micro Devices SC3200 Datasheet HTML 393Page - Advanced Micro Devices SC3200 Datasheet HTML 394Page - Advanced Micro Devices SC3200 Datasheet HTML 395Page - Advanced Micro Devices SC3200 Datasheet HTML 396Page - Advanced Micro Devices SC3200 Datasheet HTML 397Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 447 page
background image
AMD Geode™ SC3200 Processor Data Book
393
Electrical Specifications
Revision 5.1
9.3.5.1
Measurement and Test Conditions
Figure 9-16. Output Timing Measurement Conditions
Table 9-20. Measurement Condition Parameters
Symbol
Value
Unit
Comments
VTH
0.6 VIO
V
Note 1
VTL
0.2 VIO
V
Note 1
VTEST
0.4 VIO
V
VSTEP (rising edge)
0.285 VIO
V
VSTEP (falling edge)
0.615 VIO
V
VMAX
0.4 VIO
V
Note 2
Input signal edge rate
1
V/ns
Note 1. The input test is performed with 0.1 VIO of overdrive. Timing parameters must not exceed this overdrive.
Note 2. VMAX specifies the maximum peak-to-peak waveform allowed for measuring input timing.
Output Current
≤ Leakage Current
tOFF
tON
PCICLK
Output
Delay
TRI-STATE
Output
VTH
VTL
VTEST
VSTEP
tVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com