Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 42 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 42 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 38Page - Dialog Semiconductor ATXP032 Datasheet HTML 39Page - Dialog Semiconductor ATXP032 Datasheet HTML 40Page - Dialog Semiconductor ATXP032 Datasheet HTML 41Page - Dialog Semiconductor ATXP032 Datasheet HTML 42Page - Dialog Semiconductor ATXP032 Datasheet HTML 43Page - Dialog Semiconductor ATXP032 Datasheet HTML 44Page - Dialog Semiconductor ATXP032 Datasheet HTML 45Page - Dialog Semiconductor ATXP032 Datasheet HTML 46Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 113 page
background image
40
ATXP032
DS-ATXP032–114I–4-2020
Figure 9-20. Program/Erase Suspend in Octal Mode — SDR
Figure 9-21. Program/Erase Suspend in Octal Mode — DDR
9.7
Program/Erase Resume (D0h)
The Program/Erase Resume command allows a suspended program or erase operation to be resumed and
continue programming a Flash page or erasing a Flash memory block where it left off. The Program/Erase Resume
command is accepted by the device only if the SUS bit in the Status/Control equals 1 and the RDY/BSY bit equals
0. If the SUS bit equals 0 or the RDY/BSY bit equals 1, the device ignores the Program/Erase Resume command.
As with the Program/Erase Suspend command, the Write Enable command does not need to be issued prior to the
Program/Erase Resume command being issued. Therefore, the Program/Erase Resume command operates
independently of the state of the WEL bit in the Status/Control register.
To perform Program/Erase Resume command, the CS pin must first be asserted and the D0h command must be
clocked into the device.
No address bytes need to be clocked into the device, and any data clocked in after the command is ignored. When
the CS pin is deasserted, the program or erase operation currently suspended resumes within a time of t
RES. The
SUS bit in the Status/Control register is then reset back to the logic “0” state to indicate the program or erase
operation is no longer suspended. In addition, the RDY/BSY bit in the Status/Control register indicates that the
device is busy performing a program or erase operation. The complete command must be clocked into the device
before the CS pin is deasserted, and the CS pin must be deasserted on a byte boundary (multiples of eight bits).
Otherwise, no resume operation is performed.
During a simultaneous erase suspend/program suspend condition, issuing the Program/Erase Resume command
results in the program operation resuming first. After the program operation has been completed, the
Program/Erase Resume command must be issued again in order for the erase operation to be resumed.
While the device is busy resuming a program or erase operation, any attempts at issuing the Program/Erase
Suspend command is ignored. Therefore, if a resumed program or erase operation needs to be subsequently
B0h
Opcode
0
I/O7-0
SCK
CS
DS
B0h
Opcode
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com