Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 56Page - Dialog Semiconductor ATXP032 Datasheet HTML 57Page - Dialog Semiconductor ATXP032 Datasheet HTML 58Page - Dialog Semiconductor ATXP032 Datasheet HTML 59Page - Dialog Semiconductor ATXP032 Datasheet HTML 60Page - Dialog Semiconductor ATXP032 Datasheet HTML 61Page - Dialog Semiconductor ATXP032 Datasheet HTML 62Page - Dialog Semiconductor ATXP032 Datasheet HTML 63Page - Dialog Semiconductor ATXP032 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 113 page
background image
58
ATXP032
DS-ATXP032–114I–4-2020
The EPE bit state is undefined after Ultra-Deep Power-Down (79h) command, if exit from UDPD is done with
JEDEC Standard Hardware Reset (In-Band Reset) or Hardware Reset.
The EPE bit is always cleared when power is cycled.
The effect on the EPE bit as a result of various operations is summarized in Table 12-4 below.
Note: Even though EPE is a volatile bit, it is not cleared when the device is entering Auto Ultra-Deep Power-Down.
This to ensure that the error can still be detected after an Auto Ultra-Deep Power-Down Program or Erase
operation.In this case, it will not be erased by a JEDEC Hardware Reset or by exercising the RESET pin. However,
it will be erased by a full power cycle.
Note also that the EPE bit is not set if a hardware reset (RESET pin or JEDEC hardware reset) occurs or a
Terminate (F0h) command is issued during a program or erase operation, even though the operation is terminated
and it is likely that the program or erase operation will not be successful.
If a Reset (Terminate Operation, F0h) command is issued while a program or erase operation is actually in
progress, the EPE bit is not updated.
Upon recovery from ultra-deep power-down, all internal volatile registers default to their power-on default state,
except for the EPE bit in Status/Control Register Byte 1 in the following case: Even though EPE is a volatile bit, it is
not cleared when the device is entering auto-ultra-deep power-down. This is to ensure that an error can still be
detected after an auto ultra-deep power-down program or erase operation. In this case, the EPE bit is not erased
by a JEDEC hardware reset or by exercising the RESET pin. However, it is erased by a full power cycle, or if the
Ultra-Deep Power-Down (79h) command was used to enter UDPD.
12.1.4 UDPDS Bit
The UDPDS bit is used to detect if the device is in ultra-deep dower-down mode or not. This bit reads 1 if in UDPD,
0 in any other mode.
12.1.5 SWP Bits
The SWP bits provide feedback on the software protection status for the device. There are three possible
combinations of the SWP bits that indicate whether none, some, or all of the sectors have been protected using the
Protect Sector command or the global protect feature. If the SWP bits indicate that some of the sectors have been
Table 12-4.
Effect on the EPE bit as a Result of Various Operations
Action
Effect on EPE bit
Power Cycle
Cleared
After Program/Erase
Valid value
JEDEC Standard Hardware Reset (In-Band Reset) or Hardware Reset while in Auto Deep Power-
Down Mode after a Program or Erase Operation
Valid value
JEDEC Standard Hardware Reset (In-Band Reset) or Hardware Reset while in Ultra-Deep Power-
Down mode (after
Ultra-Deep Power-Down (79h) command)
Undefined (1)
JEDEC Standard Hardware Reset (In-Band Reset) , Hardware Reset (not in AUDPD or UDPD)
Undefined (2)
Terminate (F0h) while a Program or Erase operation is in progress
Undefined(2) (3)
1.
If the AUDPD feature is not used, the EPE bit will be cleared upon exit from UDPD
2.
If any reset sequence or command is used to interrupt/terminate a Program or Erase operation in progress, the EPE bit is not set
3.
If a Reset (Terminate Operation, F0h) command is issued while a Program or Erase operation is actually in progress, the EPE bit will not be updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com