Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 58 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 58 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 54Page - Dialog Semiconductor ATXP032 Datasheet HTML 55Page - Dialog Semiconductor ATXP032 Datasheet HTML 56Page - Dialog Semiconductor ATXP032 Datasheet HTML 57Page - Dialog Semiconductor ATXP032 Datasheet HTML 58Page - Dialog Semiconductor ATXP032 Datasheet HTML 59Page - Dialog Semiconductor ATXP032 Datasheet HTML 60Page - Dialog Semiconductor ATXP032 Datasheet HTML 61Page - Dialog Semiconductor ATXP032 Datasheet HTML 62Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
56
ATXP032
DS-ATXP032–114I–4-2020
12.1
Status/Control Register Byte 1
Status/Control Register Byte 1 contains the fields listed inTable 12-3. Detailed description of each bit follows
below. Note that when reading Status/Control register byte 1 while in the ultra-deep power-down state, all bits are
read as 1.
Table 12-1. Volatile Register Address Map
Address
Register Name
0
Reserved - Reads as 0
1
Status/Control Register Byte 1
2
Status/Control Register Byte 2
3
Status/Control Register Byte 3
Table 12-2. Non-Volatile Register Address Map
Address
Register Name
128
Reserved - Reads as 0
129
I/O Pin Drive Strength Control Register
Table 12-3. Status/Control Register Format - Byte 1
Bit (1)
Name
Type (2)
Description
7
SPRL
Sector Protection Registers Locked
R/W
0
Sector Protection Registers are unlocked (default)
1
Sector Protection Registers are locked.
6
DPDS
Deep Power-Down Status
R
0
Device is in Active or Standby Mode
1
Device is in Deep Power-Down Mode (3)
5
EPE (4)
Program/Erase Error
R
0
Erase or program operation was successful.
1
Erase or program error detected.
4
UDPDS
Ultra-Deep Power-Down Status
R
0
Device is in Active, Standby or DPD Mode
1
Device is in Ultra-Deep Power-Down Mode
3:2
SWP
Software Protection Status
R
00
All sectors are software unprotected (all Sector
Protection Registers are 0).
01
Some sectors are software protected. Read individual
Sector Protection Registers to determine which
sectors are protected.
10
Reserved for future use.
11
All sectors are software protected (all Sector
Protection Registers are 1 – default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com