Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 93 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 93 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 89Page - Dialog Semiconductor ATXP032 Datasheet HTML 90Page - Dialog Semiconductor ATXP032 Datasheet HTML 91Page - Dialog Semiconductor ATXP032 Datasheet HTML 92Page - Dialog Semiconductor ATXP032 Datasheet HTML 93Page - Dialog Semiconductor ATXP032 Datasheet HTML 94Page - Dialog Semiconductor ATXP032 Datasheet HTML 95Page - Dialog Semiconductor ATXP032 Datasheet HTML 96Page - Dialog Semiconductor ATXP032 Datasheet HTML 97Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 113 page
background image
91
ATXP032
DS-ATXP032–114I–4-2020
Note also that in DDR mode, the SFDP command can only be used for addressing data on a 32-bit (4-byte)
boundary. (Address bits A
1 and A0 both have to be 0).
After the three address bytes and the dummy cycles have been clocked in, additional clock cycles will result in data
being output on the I/O pin(s). The data is always output with the MSB of a byte first. When the last byte (0000FFh)
of the SFDP security register has been read, the device continues reading back at the beginning of the register
(000000h). No delays are incurred when wrapping around from the end of the register to the beginning of the
register.
Deasserting the CS pin terminates the read operation and places the I/O pin(s) into a high-impedance state. The
CS pin can be deasserted at any time and does not require that a full byte of data be read. The format of the SFDP
register follows the format provided in JEDEC Standard No. 216 Rev D.
Figure 13-24. Read SFDP
Figure 13-25. Read SFDP in Octal Mode — SDR
D
D
D
D
D
D
D
D
X
X
X
X
X
X
X
X
A
A
A
A
A
A
A
A
MSB
MSB
LSB
MSB
0
1
0
1
1
0
1
0
Output Data Byte 1
8 Dummy Cycles
Address Bits A
23-A0
Opcode
DS
2
3
1
0
6
7
5
4
10 11
9
8
29 30
12
33 34
32
31
37 38
36
35
41 42
40
39
45 46
44
43
SI
SCK
SO
CS
Byte1
Byte2
Output Data
8 Dummy Cycles
A23-16
A15-8
A7-0
Address
5Ah
Opcode
2
3
1
0
4
7
8
6
5
9
12
11
10
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com