Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 61 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 61 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 57Page - Dialog Semiconductor ATXP032 Datasheet HTML 58Page - Dialog Semiconductor ATXP032 Datasheet HTML 59Page - Dialog Semiconductor ATXP032 Datasheet HTML 60Page - Dialog Semiconductor ATXP032 Datasheet HTML 61Page - Dialog Semiconductor ATXP032 Datasheet HTML 62Page - Dialog Semiconductor ATXP032 Datasheet HTML 63Page - Dialog Semiconductor ATXP032 Datasheet HTML 64Page - Dialog Semiconductor ATXP032 Datasheet HTML 65Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
59
ATXP032
DS-ATXP032–114I–4-2020
protected, then the individual Sector Protection Registers can be read with the Read Sector Protection Registers
command to determine which sectors are in fact protected.
12.1.6 WEL Bit
The WEL bit indicates the current status of the internal write enable latch. When the WEL bit is in the logic “0” state,
the device does not accept any Program, Erase, Protect Sector, Unprotect Sector, or Write Status Register
commands. The WEL bit defaults to the logic “0” state after a device power-up or reset. In addition, the WEL bit is
reset to the logic “0” state automatically under the following conditions:
Write disable operation completes successfully
Write Status register operation completes successfully or aborts
Protect sector operation completes successfully or aborts
Unprotect sector operation completes successfully or aborts
Byte/Page program operation completes successfully or aborts
Block erase operation completes successfully or aborts
Chip erase operation completes successfully or aborts
If the WEL bit is in the logic “1” state, it is not reset to a logic “0” if an operation aborts due to an incomplete or
unrecognized command being clocked into the device before the CS pin is deasserted. In order for the WEL bit to
be reset when an operation aborts prematurely, the entire command for a Program, Erase, Protect Sector,
Unprotect Sector, or Write Status Register command must have been clocked into the device.
12.1.7 RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in
progress. To poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status/Control
register data must be continually clocked out of the device until the state of the RDY/BSY bit changes from a logic
“1” to a logic “0”. See also Section 12.10, Active Status Interrupt (25h).
12.2
Status/Control Register Byte 2
Status/Control register byte 2 contains the fields listed inTable 12-5. Detailed description of each bit follows below.
Note that when reading Status/Control register byte 2 while in ultra-deep power-down, all bits are read as 1.
Table 12-5. Status/Control Register – Byte 2
Bit
Acronym
Name
Type (1)
Default
Description
7
SDR/DDR
Select SDR or DDR mode
R/W
0
SDR - Single data rate mode (Default)
1
DDR - Dual data rate mode
6
AUDPD(2)
Auto Ultra-Deep Power-Down
enable
R/W
11
Illegal combination - Reserved for future use
10
AUDPD Set: Go to UDPD after Program/Erase
5
ADPD (2)
Auto Deep Power-Down
enable
01
ADPD Set: Go to DPD after Program/Erase
00
Normal mode - Go to Standby after Program/Erase
4
TERE
Terminate enabled
R/W
0
Terminate command is disabled (default)
1
Terminate command is enabled
3
OME
Octal mode enable
R/W
1
Octal mode enabled
0
SPI mode enabled
2
R
Reserved for future use.
R/W
0
Reserved. Must be written as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com