Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 54 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 54 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 50Page - Dialog Semiconductor ATXP032 Datasheet HTML 51Page - Dialog Semiconductor ATXP032 Datasheet HTML 52Page - Dialog Semiconductor ATXP032 Datasheet HTML 53Page - Dialog Semiconductor ATXP032 Datasheet HTML 54Page - Dialog Semiconductor ATXP032 Datasheet HTML 55Page - Dialog Semiconductor ATXP032 Datasheet HTML 56Page - Dialog Semiconductor ATXP032 Datasheet HTML 57Page - Dialog Semiconductor ATXP032 Datasheet HTML 58Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 113 page
background image
52
ATXP032
DS-ATXP032–114I–4-2020
11.
Security Commands
11.1
Program OTP Security Register (9Bh)
The device contains a specialized OTP (One-Time Programmable) security register that can be used for purposes
such as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc.
The OTP security register is independent of the main Flash memory array and is comprised of a total of 256 bytes
of memory divided into two portions. The first 128 bytes (byte locations 0 through 127) can be programmed (but not
erased) in any order as long as byte 127 is not programmed. Once byte 127 is programmed to any value (including
0xFF), the OTP register is locked, and no further programming operations are allowed. The remaining 128 bytes of
the OTP security register (byte locations 128 through 255) are factory programmed by Adesto and contain a
unique value for each device. The factory programmed data is fixed and cannot be changed.
The user-programmable portion of the OTP security register does not need to be erased before it is programmed.
Before the Program OTP Security Register command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status/Control register to a logic “1”. To program the OTP Security
Register, the CS pin must first be asserted and the 9Bh command must be clocked into the device followed by the
four address bytes denoting the first byte location of the OTP security register to begin programming at. Since the
size of the user-programmable portion of the OTP security register is 128 bytes, the upper order address bits do
not need to be decoded by the device. Therefore, address bits A31 - A7 are ignored by the device and their values
can be either a logic “1” or “0”. After the address bytes have been clocked in, data can then be clocked into the
device and are stored in the internal buffer. If byte number 127 (7Fh) is among the bytes written, the OTP Security
register is locked upon completion of the command execution, and no subsequent writes to the OTP Security
registers are executed.
Note that any data that is sent to the device that goes beyond the end of the 128-byte user-programmable space
wraps around back to the beginning of the OTP Security register. For example, if the starting address denoted by
A
31 - A0 is 0000_007Eh, and three bytes of data are sent to the device, then the first two bytes of data are
programmed at OTP security register addresses 7Eh and 7Fh while the last byte of data is programmed at address
00h. As location 7Fh is written by this operation, the device is locked after these bytes have been written. 00h is
still written in this case. The remaining bytes in the OTP Security register (addresses 01h through 7Dh) are not
programmed by this operation and remain in their previous state. If they have not been programmed previously,
they remain in the erased state (FFh). In addition, if more than 128 bytes of data are sent to the device, then only
the last 128 bytes sent are latched into the internal buffer.
When the CS pin is deasserted, the device takes the data stored in the internal buffer and program it into the
appropriate OTP Security register locations based on the starting address specified by A
31 - A0 and the number of
data bytes sent to the device. If less than 128 bytes of data were sent to the device, then the remaining bytes within
the OTP Security register is not programmed and remain in the erased state (FFh). The programming of the data
bytes is internally self-timed and should take place in a time of t
OTPP.
The four address bytes and at least one complete byte of data must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on whole byte boundaries (multiples of eight bits); otherwise, the
device aborts the operation and the user-programmable portion of the OTP Security register is not programmed.
Table 11-1.
OTP Security Register
Security Register
Byte Number
0
1
. . .
126
127
128
129
. . .
254
255
One-Time User Programmable
Factory Programmed by Adesto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com