Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 50 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 50 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 46Page - Dialog Semiconductor ATXP032 Datasheet HTML 47Page - Dialog Semiconductor ATXP032 Datasheet HTML 48Page - Dialog Semiconductor ATXP032 Datasheet HTML 49Page - Dialog Semiconductor ATXP032 Datasheet HTML 50Page - Dialog Semiconductor ATXP032 Datasheet HTML 51Page - Dialog Semiconductor ATXP032 Datasheet HTML 52Page - Dialog Semiconductor ATXP032 Datasheet HTML 53Page - Dialog Semiconductor ATXP032 Datasheet HTML 54Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 113 page
background image
48
ATXP032
DS-ATXP032–114I–4-2020
Performing a global protect or global unprotect operation is accomplished by writing a certain combination of data
to the Status/Control register using the Write Status Register command. (See “Write Status Registers (71h)” on
page 67 or “Write Status Register Byte 1 (01h)” on page 69 for command execution details) The Write Status
Register command is also used to modify the SPRL bit to control hardware and software locking.
To perform a global protect operation, the appropriate WP pin and SPRL conditions must be met, and the system
must write a logic “1” to bits 5, 4, 3, and 2 of the Status/Control register. Conversely, to perform a global unprotect
operation, the same WP and SPRL conditions must be met but the system must write a logic “0” to bits 5, 4, 3, and
2 of the Status/Control register. Table 10-2 details the conditions necessary for a global protect or global unprotect
operation to be performed.
Table 10-2. Valid SPRL and Global Protect/Unprotect Conditions
WP
State
Current
SPRL
Value
New
Write Status
Register Data
Protection Operation
New
SPRL
Value
Bit
7 6 5 4 3 2 1 0
0
0
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
⁞
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
⁞
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
Global Unprotect – all Sector Protection Registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection Registers set to 1
0
0
0
0
0
1
1
1
1
1
0
1
x x x x x x x x
No change to the current protection level. All sectors currently protected will
remain protected and all sectors currently unprotected will remain unprotected.
The Sector Protection Registers are hard-locked and cannot be changed when
the WP pin is LOW and the current state of SPRL is 1. Therefore, a Global
Protect/Unprotect will not occur. In addition, the SPRL bit cannot be changed (the
WP pin must be HIGH in order to change SPRL back to a 0).
1
0
0 x 0 0 0 0 x x
0 x 0 0 0 1 x x
⁞
0 x 1 1 1 0 x x
0 x 1 1 1 1 x x
1 x 0 0 0 0 x x
1 x 0 0 0 1 x x
⁞
1 x 1 1 1 0 x x
1 x 1 1 1 1 x x
Global Unprotect – all Sector Protection registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection registers set to 1
Global Unprotect – all Sector Protection registers reset to 0
No change to current protection.
No change to current protection.
No change to current protection.
Global Protect – all Sector Protection registers set to 1
0
0
0
0
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com