Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 45 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 45 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 41Page - Dialog Semiconductor ATXP032 Datasheet HTML 42Page - Dialog Semiconductor ATXP032 Datasheet HTML 43Page - Dialog Semiconductor ATXP032 Datasheet HTML 44Page - Dialog Semiconductor ATXP032 Datasheet HTML 45Page - Dialog Semiconductor ATXP032 Datasheet HTML 46Page - Dialog Semiconductor ATXP032 Datasheet HTML 47Page - Dialog Semiconductor ATXP032 Datasheet HTML 48Page - Dialog Semiconductor ATXP032 Datasheet HTML 49Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
43
ATXP032
DS-ATXP032–114I–4-2020
Figure 10-3. Write Enable in Octal Mode — DDR
10.2
Write Disable (04h)
The Write Disable command is used to reset the Write Enable Latch (WEL) bit in the Status/Control register to the
logic “0” state. With the WEL bit reset, all Byte/Page Program, Erase, Program OTP Security Register, and Write
Status Register commands are not executed. Other conditions can also cause the WEL bit to be reset; for more
details, refer to the WEL bit section of the Status/Control register description.
The Write Disable command is ignored if a program or erase operation is already in progress. To halt an operation
already in progress, use the Reset command.
To issue the Write Disable command, the CS pin must first be asserted and the 04h command must be clocked
into the device. No address bytes need to be clocked into the device, and any data clocked in after the command is
ignored. When the CS pin is deasserted, the WEL bit in the Status/Control register is reset to a logic “0”. The
complete command must be clocked into the device before the CS pin is deasserted, and the CS pin must be
deasserted on a whole byte boundary (multiples of eight bits); otherwise, the device aborts the operation and the
state of the WEL bit does not change.
Figure 10-4. Write Disable
06h
Opcode
0
I/O7-0
SCK
CS
DS
MSB
0
0
0
0
0
1
0
0
Opcode
High Impedance
DS
2
3
1
0
6
7
5
4
SI
SCK
CS
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com