Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 62 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 62 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 58Page - Dialog Semiconductor ATXP032 Datasheet HTML 59Page - Dialog Semiconductor ATXP032 Datasheet HTML 60Page - Dialog Semiconductor ATXP032 Datasheet HTML 61Page - Dialog Semiconductor ATXP032 Datasheet HTML 62Page - Dialog Semiconductor ATXP032 Datasheet HTML 63Page - Dialog Semiconductor ATXP032 Datasheet HTML 64Page - Dialog Semiconductor ATXP032 Datasheet HTML 65Page - Dialog Semiconductor ATXP032 Datasheet HTML 66Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 113 page
background image
60
ATXP032
DS-ATXP032–114I–4-2020
12.2.1 SDR/DDR Bit
The SDR/DDR bit is used to determine if the device is running in SDR or DDR mode. The default mode after power
up is SDR. See Section 6.3 for details about Dual Data Rate Operation.
12.2.2 AUDPD and ADPD Bits
The AUDPD and ADPD bits are used to enable the Ultra-deep Power-down (UDPD) mode and Deep Power-down
(DPD) mode respectively. The default setting after power up is always 00, the device does not use any of these
modes unless they are specifically enabled. Only one of the AUDPD and ADPD bits can be active at any given
time, attempting to write both to 1 at the same time is an illegal combination.
See Section 13.3, Auto Deep Power-Down Mode after a Program or Erase Operation, and Section 13.6, Auto
Ultra-Deep Power-Down Mode after a Program or Erase Operation, for details about these operations.
The AUDPD bit is cleared every time the device goes into UDPD mode, so it has to be set again if another program
or erase operation followed by auto ultra-deep power-down is wanted. When using the AUDPD bit, the device
switches to Standard SPI Mode within t
AUDPD after the Program or Erase command is initiated. All Status read
operations, both while the program or erase operation is still in progress and after the device has entered UDPD,
can therefore be done using Standard SPI mode.
The ADPD bit is cleared every time the device goes into DPD. The device remains in the same communication
mode when entering and exiting from DPD.
Note: Program Suspend and Erase Suspend commands cannot be used if the ADPD or AUDPD bits are set.
12.2.3 TERE Bit
The TERE bit is used to enable or disable the Terminate Operation command. When the TERE bit is in the logic 0
state (the default state after power-up), the Terminate Operation command is disabled and any attempts to reset
the device using the Terminate command is ignored. When the TERE bit is in the logic 1 state, the Terminate
command is enabled.
The TERE bit retains its state as long as power is applied to the device. Once set to the logic 1 state, the TERE bit
remains in that state until it is modified using the Write Status Register Byte 2 (31h) command or until the device
has been power cycled. The Terminate command itself will not change the state of the TERE bit.
12.2.4 OME Bit
The OME bit is used to enable the octal mode. The default setting after power up is always 0, so the device always
wakes up in standard SPI mode. See Section 6.2 for details about Octal Mode.
1
PS
Program Suspend status
R
0
No program operation has been suspended.
1
A sector is program suspended.
0
ES
Erase Suspend status
R
0
No sectors are erase suspended.
1
A sector is erase suspended.
1.
R/W = Readable and writable
R = Readable only
2.
Do not use Program/Erase Suspend command if AUDPD or ADPD bits are set.
Table 12-5. Status/Control Register – Byte 2
Bit
Acronym
Name
Type (1)
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com