Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 77 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 77 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 73Page - Dialog Semiconductor ATXP032 Datasheet HTML 74Page - Dialog Semiconductor ATXP032 Datasheet HTML 75Page - Dialog Semiconductor ATXP032 Datasheet HTML 76Page - Dialog Semiconductor ATXP032 Datasheet HTML 77Page - Dialog Semiconductor ATXP032 Datasheet HTML 78Page - Dialog Semiconductor ATXP032 Datasheet HTML 79Page - Dialog Semiconductor ATXP032 Datasheet HTML 80Page - Dialog Semiconductor ATXP032 Datasheet HTML 81Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
75
ATXP032
DS-ATXP032–114I–4-2020
clock cycles have no affect on the SO pin and no data is output. As indicated in the JEDEC standard, reading the
extended device information string length and any subsequent data is optional.
Deasserting the CS pin terminates the manufacturer and device ID read operation and put the SO pin into a high-
impedance state. The CS pin can be deasserted at any time and does not require that a full byte of data be read.
Table 13-1. Manufacturer and Device ID Information
Byte No.
Data Type
Value
1
Continuation Code
7Fh
2
Continuation Code
7Fh
3
Continuation Code
7Fh
4
Continuation Code
7Fh
5
Continuation Code
7Fh
6
Continuation Code
7Fh
7
Continuation Code
7Fh
8
Manufacturer ID
43h
9
Device ID (Part 1)
A7h
10
Device ID (Part 2)
00h
11
Extended Device Information String Length
01h
12
[Optional to Read] Extended Device Information Byte 1
00h
Table 13-2. Manufacturer and Device ID Details
Data Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Hex
Value
Details
Manufacturer ID
JEDEC Assigned Code
43h
JEDEC Code: 01000 1111 (43h for Adesto)
0
1
0
0
0
0
1
1
Device ID (Part 1)
Family Code
Density Code
A7h
Family Code: 101 (ATXP032 series)
Density Code: 00111 (32-Mbit)
1
0
1
0
0
1
1
1
Device ID (Part 2)
Sub Code
Product Version Code
00h
Sub Code:
000 (Standard series)
Product Version:00000
0
0
0
0
0
0
0
0
EDI (Byte 11)
(String Length)
String Length
01h
Extended Device Information String Length
0
0
0
0
0
0
0
1
EDI (Byte 12)fvg
(Data)
RFU
00h
RFU (Reserved for future use)
Device revision: 00000 (Initial version)
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com