Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 70 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 70 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 66Page - Dialog Semiconductor ATXP032 Datasheet HTML 67Page - Dialog Semiconductor ATXP032 Datasheet HTML 68Page - Dialog Semiconductor ATXP032 Datasheet HTML 69Page - Dialog Semiconductor ATXP032 Datasheet HTML 70Page - Dialog Semiconductor ATXP032 Datasheet HTML 71Page - Dialog Semiconductor ATXP032 Datasheet HTML 72Page - Dialog Semiconductor ATXP032 Datasheet HTML 73Page - Dialog Semiconductor ATXP032 Datasheet HTML 74Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 113 page
background image
68
ATXP032
DS-ATXP032–114I–4-2020
It is not possible to write both the volatile and the non-volatile registers at the same time. Non-volatile registers are
only written if the command specifies the address of a non-volatile register.
Writing to other addresses than the ones listed in Table 12-1 or Table 12-2 is not supported.
There is no wrap around on the address field. When writing multiple volatile Status/Control registers in a single
operation, the registers have to be clocked in ascending order.
When writing to registers, bits that are read only or reserved for future use should be written as 0.
Before the Write Status Registers command can be issued, the Write Enable command must have been previously
issued to set the WEL bit in the Status/Control register to a logic “1”.
To issue the Write Status Registers command, the CS pin must first be asserted and the 71h command must be
clocked into the device. After the command has been clocked in, one address byte must be clocked in to specify at
which register to start the write operation, followed by one or more bytes of data. See Table 12-1 to Table 12-6 for
details about register values.
When the CS pin is deasserted, the rewritable bits in the registers are modified, and the WEL bit in the
Status/Control register is reset back to a logic “0”.
The address byte and at least one complete byte of data must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on whole byte boundaries (multiples of eight bits); otherwise, the
device aborts the operation and no data is programmed into the registers, and the WEL bit in the Status/Control
register is reset back to the logic “0” state.
When writing volatile Status/Control registers in octal DDR mode, the address given has to be for the single
register to be written. Only that register is written. To write additional registers in this mode, additional commands
have to be issued.
When writing non-volatile Status/Control registers in Octal DDR mode, the address given can be odd or even, and
a single register is written.
If the WP pin is asserted, then the SPRL bit can only be set to a logic “1”. If an attempt is made to reset the SPRL
bit to a logic “0” while the WP pin is asserted, then the Write Status Registers command will be ignored, and the
WEL bit in the Status/Control register is reset back to the logic “0” state. In order to reset the SPRL bit to a logic “0”,
the WP pin must be deasserted.
Note: No other commands should be issued while this operation is in progress. As changes to the Status/Control
registers will change the configuration of I/O pins, users should wait tWRSR (for volatile registers) or tWRSRNV (for non-
volatile registers) before issuing further commands.
Figure 12-7. Write Status Registers
SCK
CS
SI
SO
MSB
MSB
2
3
1
0
6
7
5
4
10 11
9
8
12
15
13 14
20
23
22
21
18 19
16 17
Opcode
High-Impedance
A A A A
A A A
A
MSB
D D D D D D D D
Address Bits A7-A0
Data In Byte 1
DS
MSB
D
D
D
D
D
D
D
D
Data In Byte n
0
1
1
1
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com