Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 55 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 55 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 51Page - Dialog Semiconductor ATXP032 Datasheet HTML 52Page - Dialog Semiconductor ATXP032 Datasheet HTML 53Page - Dialog Semiconductor ATXP032 Datasheet HTML 54Page - Dialog Semiconductor ATXP032 Datasheet HTML 55Page - Dialog Semiconductor ATXP032 Datasheet HTML 56Page - Dialog Semiconductor ATXP032 Datasheet HTML 57Page - Dialog Semiconductor ATXP032 Datasheet HTML 58Page - Dialog Semiconductor ATXP032 Datasheet HTML 59Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 113 page
background image
53
ATXP032
DS-ATXP032–114I–4-2020
The WEL bit in the Status/Control register is reset back to the logic “0” state if the OTP Security register program
cycle aborts due to an incomplete address being sent, an incomplete byte of data being sent, the CS pin being
deasserted before a whole byte is finished, or because the user attempts to write a portion of the OTP Security
register that was previously programmed.
Warning:
Each byte of the user programmable portion of the security register can only be programmed one time.
The behavior of the device if a user tries to overwrite an already written byte cannot be guaranteed.
While the device is programming the OTP Security register, the Status/Control register can be read and indicates
that the device is busy. For faster throughput, it is recommended that the Status/Control register be polled rather
than waiting the t
OTPP time to determine if the data bytes have finished programming. At some point before the OTP
Security register programming completes, the WEL bit in the Status/Control register is reset back to the logic “0”
state.
If the device is powered-down during the OTP Security register program cycle, then the contents of the 128-byte
user programmable portion of the OTP Security register cannot be guaranteed and cannot be programmed again.
The Program OTP Security register command utilizes the internal 256-byte buffer for processing. Therefore, the
contents of the buffer is altered from its previous state when this command is issued.
Figure 11-1. Program OTP Security Register
Figure 11-2. Program OTP Security Register in Octal Mode — SDR
SCK
CS
SO
2
3
1
0
6
7
5
4
10 11
9
8
12
39
37 38
44
47
46
45
42 43
40 41
High-Impedance
A A A A
A A A
A A
DS
D
D
D
D
D
D
D
D
SI
MSB
MSB
MSB
MSB
Opcode
Address Bits A31-A0
Data In Byte 1
Data In Byte n
D
D
D
D
D
D
D
D
1
0
0
1
1
0
1
1
Byte 0
Byte 1
Data In
A23-16
A15-8
A7-0
A31-24
Address
9Bh
Opcode
2
3
1
0
4
5
6
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com