Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 69Page - Dialog Semiconductor ATXP032 Datasheet HTML 70Page - Dialog Semiconductor ATXP032 Datasheet HTML 71Page - Dialog Semiconductor ATXP032 Datasheet HTML 72Page - Dialog Semiconductor ATXP032 Datasheet HTML 73Page - Dialog Semiconductor ATXP032 Datasheet HTML 74Page - Dialog Semiconductor ATXP032 Datasheet HTML 75Page - Dialog Semiconductor ATXP032 Datasheet HTML 76Page - Dialog Semiconductor ATXP032 Datasheet HTML 77Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 113 page
background image
71
ATXP032
DS-ATXP032–114I–4-2020
12.9
Write Status Register Byte 2 (31h)
The Write Status Register Byte 2 command is used to modify the Status/Control register byte 2 bits. Using the
Write Status Register Byte 2 command is the only way to modify the TERE and SDR/DDR bits in Status/Control
register byte 2 during normal device operation. The standard and octal select bits may also be changed by using
the Enter Octal Mode (E8h) and Return to Standard SPI Mode (FFh) commands.
Before the Write Status Register Byte 2 command can be issued, the Write Enable command must have been
previously issued to set the WEL bit in the Status/Control register to a logic 1.
To issue the Write Status Register Byte 2 command, the CS pin must first be asserted and then the command 31h
must be clocked into the device followed by one byte of data. The one byte of data consists of the bits described in
Table 12-5. Any additional data bytes sent to the device are ignored. When the CS pin is deasserted, the TERE bit
in the Status/Control register is modified, and the WEL bit in the Status/Control register is reset back to a logic 0.
The complete one byte of data must be clocked into the device before the CS pin is deasserted, and the CS pin
must be deasserted on whole byte boundaries (multiples of eight bits); otherwise, the device aborts the operation,
the state of the TERE bit does not change, and the WEL bit in the Status/Control register is reset back to the logic
0 state.
Figure 12-13. Write Status Register Byte 2
Figure 12-14. Write Status Register Byte 2 in Octal Mode — SDR
SCK
CS
SI
SO
MSB
2
3
1
0
0
0
1
1
0
0
0
1
6
7
5
4
10 11
9
8
12
15
13 14
Opcode
High-Impedance
MSB
D D D D D D D D
Status Register 2
DS
Byte
Data
31h
Opcode
1
0
I/O7-0
SCK
CS
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com