Electronic Components Datasheet Search
  English  ▼

X  

ATXP032 Datasheet(PDF) 46 Page - Dialog Semiconductor

Part # ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Datasheet(HTML) 46 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 42Page - Dialog Semiconductor ATXP032 Datasheet HTML 43Page - Dialog Semiconductor ATXP032 Datasheet HTML 44Page - Dialog Semiconductor ATXP032 Datasheet HTML 45Page - Dialog Semiconductor ATXP032 Datasheet HTML 46Page - Dialog Semiconductor ATXP032 Datasheet HTML 47Page - Dialog Semiconductor ATXP032 Datasheet HTML 48Page - Dialog Semiconductor ATXP032 Datasheet HTML 49Page - Dialog Semiconductor ATXP032 Datasheet HTML 50Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
44
ATXP032
DS-ATXP032–114I–4-2020
Figure 10-5. Write Disable in Octal Mode — SDR
Figure 10-6. Write Disable in Octal Mode — DDR
10.3
Protect Sector (36h)
Every physical sector of the device has a corresponding single-bit sector protection register that is used to control
the software protection of a sector. Upon device power-up or after a device reset, each sector protection register
defaults to the logic “1” state indicating that all sectors are protected and cannot be programmed or erased.
Issuing the Protect Sector command to a particular sector address sets the corresponding sector protection
register to the logic “1” state. The following table outlines the two states of the sector protection registers. Note that
the sector protection register reverts to the default state after waking up from the ultra-deep power-down state, or
after a JEDEC Standard Hardware Reset (In-Band Reset).
Before the Protect Sector command can be issued, the Write Enable command must have been previously issued
to set the WEL bit in the Status/Control register to a logic “1”. To issue the Protect Sector command, the CS pin
must first be asserted and the 36h command must be clocked into the device followed by four address bytes
designating any address within the sector to be protected. Any additional data clocked into the device is ignored.
When the CS pin is deasserted, the Sector Protection register corresponding to the physical sector addressed by
04h
Opcode
0
I/O7-0
SCK
CS
DS
04h
Opcode
0
I/O7-0
SCK
CS
DS
Table 10-1. Sector Protection Register Values
Value
Sector Protection Status
0
Sector is unprotected and can be programmed and erased.
1
Sector is protected and cannot be programmed or erased. This is the default state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com